전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC416MLTRT 데이터시트(PDF) 17 Page - Semtech Corporation

부품명 SC416MLTRT
상세설명  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416MLTRT 데이터시트(HTML) 17 Page - Semtech Corporation

Back Button SC416MLTRT Datasheet HTML 13Page - Semtech Corporation SC416MLTRT Datasheet HTML 14Page - Semtech Corporation SC416MLTRT Datasheet HTML 15Page - Semtech Corporation SC416MLTRT Datasheet HTML 16Page - Semtech Corporation SC416MLTRT Datasheet HTML 17Page - Semtech Corporation SC416MLTRT Datasheet HTML 18Page - Semtech Corporation SC416MLTRT Datasheet HTML 19Page - Semtech Corporation SC416MLTRT Datasheet HTML 20Page - Semtech Corporation SC416MLTRT Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
SC416
17
high, both outputs start switching. SS1 is connected to
a capacitor and therefore VOUT1 will follow the normal
(independent) startup and shutdown operation.
SS2 does not have the typical capacitor connection; in-
stead SS2 connects to VOUT1 through resistor divider
R3/R4, which forces the SS2 voltage to be proportional to
VOUT1. As VOUT1 rises during startup, SS2 also rises, and
the FB2 comparator will force VOUT2 to track SS2 until
SS2 reaches 750mV.
Note that FB2 sets the output voltage for VOUT2 through
R1/R2. By setting the same ratio for R3/R4 as R1/R2,
VOUT2 is forced to track VOUT1. This tracking continues
until FB2 reaches 750mV, at which point VOUT2 ignores
the SS2 ramp and switches over to the internal 750mV
reference. SS2 will continue to rise above 750mV since
it is connected to VOUT2 which continues to rise to its
nominal value.
Note that during this time the SS2 pin will source 5uA,
as if it were charging a capacitor. This current will flow
through into R3/R4 and create an offset voltage at SS2.
The full equation for SS2 voltage is:
VSS2 = VOUT1 × (R4 / (R3 + R4) + 5μA × (R3||R4)
The term for the SS2 offset is (5μA × R3||R4). When track-
ing VOUT1 during startup, SS2 will be slightly higher than
the ideal value due to this offset term. This offset at SS2
is tracked by FB2. Because of the FB2 resistor divider, this
causes a consequently higher offset at VOUT2. The net
effect is that VOUT2 will be slightly higher than VOUT1
during startup tracking. The net offset is given by the
following equation, where R5/R6 are the top and bottom
resistor values used for the FB2 resistor divider:
VOUT1 – VOUT2 = 5μA × (R3||R4) × (1 + R5/R6)
Applications Information (continued)
Since the ratio of R5/R6 is dictated by the output voltage,
the way to minimize the offset is to reduce R3 and R4. It
is recommended to set the R3/R4 parallel combination to
1kΩ max, which limits the SS2 offset to 5mV.
For shutdown, both EN pins are pulled low to start the
shutdown sequence. The higher output falls first (VOUT1
in this case) as described in the independent case. The
SS2 pin also falls as VOUT1 falls. When SS2 has reached
750mV, the ramp-down of VOUT2 begins. The FB2 com-
parator switches over to the SS2 pin and tracks SS2 as it
ramps down. SS2’s ramp-down is in turn controlled by
the ramp-down of VOUT1.
Note that during the initial time when both EN pins
pulled low, the internal 4kΩ pulldown on SS2 is ener-
gized, along with the 5uA current sink. The connecting of
the 4k pulldown affects the SS2 voltage, causing it to be
significantly lower than predicted by the R3/R4 divider. If
the SS2 voltage suddenly shoots below 750mV, this will
cause the FB2 comparator to ignore the internal 750mV
reference and switch over to the SS2 voltage. Also, the
4k resistor is released, which causes the SS2 voltage to
go back above 750mV, since SS2 will now track VOUT1
through R3/R4. This can create an unwanted overshoot
on VOUT2. This is easily prevented by placing a 10nF ca-
pacitor across R4, to prevent sudden changing of the SS2
voltage.
Modified Coincident Tracking (VOUT Proportional
Tracking)
A modification of coincident tracking is to set R3/R4 (SS2
resistor divider) to a ratio other than R1/R2 (FB1 resistor
divider). VOUT2 will still track SS2 during startup and
shutdown, but VOUT2 can be made to ramp either quick-
er or slower than VOUT1, based on the R3/R4 ratio, see
Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com