전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLP.M04.BLMB 데이터시트(PDF) 3 Page - LEMO Connectors

부품명 SLP.M04.BLMB
상세설명  REDEL SP - Inner Push-Pull
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEMO [LEMO Connectors]
홈페이지  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

SLP.M04.BLMB 데이터시트(HTML) 3 Page - LEMO Connectors

  SLP.M04.BLMB Datasheet HTML 1Page - LEMO Connectors SLP.M04.BLMB Datasheet HTML 2Page - LEMO Connectors SLP.M04.BLMB Datasheet HTML 3Page - LEMO Connectors SLP.M04.BLMB Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-sp-inner-push-pull/slp-m04-blmb.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Cable fixation
Cable termination protection
Standard back nut (no additional protection)
Jacket cable outside diameter [mm]
1.00 - 12.60 mm
Drawings
Dimensions
a
B
N
e
mm.
2.2
18.5
23.5
M14x1
in.
0.09
0.73
0.93
Recommended By Lemo
Accessories
Replacement contact
SLN.650.ZZM
Tools
Spanner
SOP.019.HN
Positionner
SOE.130.VM
Crimp tool
DPC.91.701.V



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com