전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLP.M08.GLLA 데이터시트(PDF) 1 Page - LEMO Connectors

부품명 SLP.M08.GLLA
상세설명  REDEL SP - Inner Push-Pull
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEMO [LEMO Connectors]
홈페이지  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

SLP.M08.GLLA 데이터시트(HTML) 1 Page - LEMO Connectors

  SLP.M08.GLLA Datasheet HTML 1Page - LEMO Connectors SLP.M08.GLLA Datasheet HTML 2Page - LEMO Connectors SLP.M08.GLLA Datasheet HTML 3Page - LEMO Connectors SLP.M08.GLLA Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-sp-inner-push-pull/slp-m08-glla.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
SLP.M08.GLLA
Image for illustrative purpose only
Summary
Request a quote
Number of contacts Low Voltage
8
Wire Size/AWG
30 - 22
Socket / Receptacle
Socket / Receptacle - Fixed Panel Front Mounted
Locking system
Push-pull
Jacket cable outside diameter [mm]
1.00 - 12.60 mm
Size
SP
Suggested matching part
SAP.M08.GLA.5A
Series
REDEL SP - Inner Push-Pull


유사한 부품 번호 - SLP.M08.GLLA

제조업체부품명데이터시트상세설명
logo
LEMO Connectors
SLP.M08.GLLR LEMO-SLP.M08.GLLR Datasheet
183Kb / 4P
REDEL SP - Inner Push-Pull
More results

유사한 설명 - SLP.M08.GLLA

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
Rhombus Industries Inc.
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
Push-Pull Transformer
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Glenair, Inc.
844-003 GLENAIR-844-003 Datasheet
260Kb / 1P
Push-Pull Receptacle
logo
Coilcraft lnc.
PA6381 COILCRAFT-PA6381_16 Datasheet
167Kb / 2P
Push-Pull Transformers
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com