| 전자부품 데이터시트 검색엔진 |
|
HT1632 데이터시트(PDF) 11 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1632 데이터시트(HTML) 11 Page - Holtek Semiconductor Inc |
|
11 / 17 page ![]() Application Circuits Single Connect Example for 32 Outbits & 8 Commons Note: Common & outbit are all NMOS open drain output structures and only supply sink current. HT1632 Rev. 1.00 11 October 2, 2007 L E D M a t r i x C S W R R D D A T A C S W R R D D A T A M C U H T 1 6 3 2 C O M 0 ~ C O M 7 O S C O U T B I T 0 ~ O U T B I T 3 1 C O M 0 C O M 1 C O M 2 C O M 3 C O M 4 C O M 5 C O M 6 C O M 7 V D D |