전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6727TR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L6727TR
상세설명  Single phase PWM controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L6727TR Datasheet HTML 2Page - STMicroelectronics L6727TR Datasheet HTML 3Page - STMicroelectronics L6727TR Datasheet HTML 4Page - STMicroelectronics L6727TR Datasheet HTML 5Page - STMicroelectronics L6727TR Datasheet HTML 6Page - STMicroelectronics L6727TR Datasheet HTML 7Page - STMicroelectronics L6727TR Datasheet HTML 8Page - STMicroelectronics L6727TR Datasheet HTML 9Page - STMicroelectronics L6727TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical specifications
L6727
6/22
2.2
Thermal data
Table 3.
Thermal data
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
RthJA
Thermal Resistance Junction to Ambient(1)
1.
Measured with the component mounted on a 2S2P board in free air (6.7cm x 6.7cm, 35
µm (P) and 17.5µm
(S) copper thickness).
85
°C/W
TMAX
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-40 to 150
°C
TJ
Junction Temperature Range
-20 to 150
°C
Symbol
Parameter (1)
1.
ESD immunity for FB pin is guaranteed up to ±1000V (Human Body Model).
Value
Unit
VCC
to GND
-0.3 to 15
V
VBOOT
to PHASE
to GND
15
45
V
VUGATE
to PHASE
to PHASE; t < 50ns
to GND
-0.3 to (VBOOT - VPHASE) + 0.3
-1
VBOOT + 0.3
V
VPHASE
to GND
-8 to 30
V
VLGATE
to GND
to GND; t < 50ns
-0.3 to VCC + 0.3
-1
V
COMP to GND
-0.3 to 7
V
FB to GND
-0.3 to 3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22