| 전자부품 데이터시트 검색엔진 |
|
L7805C 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7805C 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 52 page ![]() List of tables L78xx - L78xxC 4/52 List of tables Table 1. Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Table 2. Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Table 3. Thermal data. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Table 4. Electrical characteristics of L7805 (refer to the test circuits, TJ = -55 to 150°C, VI = 10 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 11 Table 5. Electrical characteristics of L7806 (refer to the test circuits, TJ = -55 to 150°C, VI = 11 V,IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . . 12 Table 6. Electrical characteristics of L7808 (refer to the test circuits, TJ = -55 to 150°C, VI = 14V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . . 13 Table 7. Electrical characteristics of L7812 (refer to the test circuits, TJ = -55 to 150°C, VI = 19 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 14 Table 8. Electrical characteristics of L7815 (refer to the test circuits, TJ = -55 to 150°C, VI = 23 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 15 Table 9. Electrical characteristics of L7818 (refer to the test circuits, TJ = -55 to 150°C, VI = 26 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 16 Table 10. Electrical characteristics of L7820 (refer to the test circuits, TJ = -55 to 150°C, VI = 28 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 17 Table 11. Electrical characteristics of L7824 (refer to the test circuits, TJ = -55 to 150°C, VI = 33 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 18 Table 12. Electrical characteristics of L7805C (refer to the test circuits, TJ = 0 to 150°C, VI = 10 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 19 Table 13. Electrical characteristics of L7852C (refer to the test circuits, TJ = 0 to 150°C, VI = 10 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 20 Table 14. Electrical characteristics of L7806C (refer to the test circuits, TJ = 0 to 150°C, VI = 11 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 21 Table 15. Electrical characteristics of L7808C (refer to the test circuits, TJ = 0 to 150°C, VI = 14 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 22 Table 16. Electrical characteristics of L7885C (refer to the test circuits, TJ = 0 to 150°C, VI = 14.5 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . 23 Table 17. Electrical characteristics of L7809C (refer to the test circuits, TJ = 0 to 150°C, VI = 15 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 24 Table 18. Electrical characteristics of L7810C (refer to the test circuits, TJ = 0 to 150°C, VI = 15 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 25 Table 19. Electrical characteristics of L7812C (refer to the test circuits, TJ = 0 to 150°C, VI = 19 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 26 Table 20. Electrical characteristics of L7815C (refer to the test circuits, TJ = 0 to 150°C, VI = 23 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 27 Table 21. Electrical characteristics of L7818C (refer to the test circuits, TJ = 0 to 150°C, VI = 26 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 28 Table 22. Electrical characteristics of L7820C (refer to the test circuits, TJ = 0 to 150°C, VI = 28 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 29 Table 23. Electrical characteristics of L7824C (refer to the test circuits, TJ = 0 to 150°C, VI = 33 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) . . . . . . . . 30 Table 24. D2PAK mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47 Table 25. Footprint data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48 Table 26. Order code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 Table 27. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51 |