| 전자부품 데이터시트 검색엔진 |
|
STF20NF06L 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF20NF06L 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 16 page ![]() STB20NF06L - STF20NF06L - STP20NF06L Electrical ratings 3/16 1 Electrical ratings Table 1. Absolute maximum ratings Symbol Parameter Value Unit TO-220/D²PAK TO-220FP VDS Drain-source voltage (VGS = 0) 60 V VGS Gate- source voltage ± 18 V ID Drain current (continuous) at TC = 25°C 20 20 (1) 1. Refer to SOA for the max allowable current value on FP-type due to Rth value A ID Drain current (continuous) at TC = 100°C 14 14 (1) A IDM (2) 2. Pulse width limited by safe operating area. Drain current (pulsed) 80 80 (1) A Ptot Total dissipation at TC = 25°C 60 28 W Derating Factor 0.4 0.18 W/°C dv/dt (3) 3. ISD ≤20A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX Peak diode recovery voltage slope 9 V/ns EAS (4) 4. Starting Tj = 25 °C, ID = 10A, VDD = 30V Single pulse avalanche energy 120 mJ Tstg Storage temperature -55 to 175 °C Tj Max. operating junction temperature Table 2. Thermal data Symbol Parameter TO-220/D²PAK TO-220FP Unit Rthj-case Thermal resistance junction-case max 2.5 5.35 °C/W Rthj-amb Thermal resistance junction-ambient max 62.5 °C/W Tl Maximum lead temperature for soldering purpose (for 10sec. 1.6mm from case) 300 °C/W |