전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD1086D2M33TR 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 LD1086D2M33TR
상세설명  1.5A Low drop positive voltage regulator adjustable and fixed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086D2M33TR 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button LD1086D2M33TR Datasheet HTML 28Page - STMicroelectronics LD1086D2M33TR Datasheet HTML 29Page - STMicroelectronics LD1086D2M33TR Datasheet HTML 30Page - STMicroelectronics LD1086D2M33TR Datasheet HTML 31Page - STMicroelectronics LD1086D2M33TR Datasheet HTML 32Page - STMicroelectronics LD1086D2M33TR Datasheet HTML 33Page - STMicroelectronics LD1086D2M33TR Datasheet HTML 34Page - STMicroelectronics LD1086D2M33TR Datasheet HTML 35Page - STMicroelectronics LD1086D2M33TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Package mechanical data
LD1086xx
32/37
Figure 35.
D2PAK/A footprint recommended data
Table 17.
Footprint data
VALUES
mm.
inch.
A
12.20
0.480
B9.75
0.384
C
16.90
0.665
D3.50
0.138
E1.60
0.063
F2.54
0.100
G5.08
0.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37