전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7812CD2T-TR 데이터시트(PDF) 44 Page - STMicroelectronics

부품명 L7812CD2T-TR
상세설명  Positive voltage regulators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7812CD2T-TR 데이터시트(HTML) 44 Page - STMicroelectronics

Back Button L7812CD2T-TR Datasheet HTML 40Page - STMicroelectronics L7812CD2T-TR Datasheet HTML 41Page - STMicroelectronics L7812CD2T-TR Datasheet HTML 42Page - STMicroelectronics L7812CD2T-TR Datasheet HTML 43Page - STMicroelectronics L7812CD2T-TR Datasheet HTML 44Page - STMicroelectronics L7812CD2T-TR Datasheet HTML 45Page - STMicroelectronics L7812CD2T-TR Datasheet HTML 46Page - STMicroelectronics L7812CD2T-TR Datasheet HTML 47Page - STMicroelectronics L7812CD2T-TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Package mechanical data
L78xx - L78xxC
44/52
Dim.
mm.
inch.
Min.
Typ
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1
0.0300.039
F1
1.15
1.50
0.045
0.059
F2
1.15
1.50
0.045
0.059
G4.95
5.2
0.194
0.204
G1
2.4
2.7
0.094
0.106
H
10.0
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.3850.417
L5
2.93.6
0.114
0.142
L6
15.9
16.4
0.626
0.645
L7
99.3
0.354
0.366
DIA.
33.2
0.118
0.126
TO-220FP mechanical data
7012510A-H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52