| 전자부품 데이터시트 검색엔진 |
|
VC5X14X4 데이터시트(PDF) 5 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
VC5X14X4 데이터시트(HTML) 5 Page - France Joint |
|
5 / 6 page ![]() | | DIMENSIONS Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 VC 4 x 9 x 3 4.00 9.00 3.00 VC 4 x 18 x 4 4.00 18.00 4.00 VC 5 x 10 x 4 5.00 10.00 4.00 VC 5 x 11 x 3 5.00 11.00 3.00 VC 5 x 14 x 4 5.00 14.00 4.00 VC 5 x 15 x 6 5.00 15.00 6.00 VC 6 x 10 x 2.5 6.00 10.00 2.50 VC 6 x 10 x 4 6.00 10.00 4.00 VC 6 x 11 x 4 6.00 11.00 4.00 VC 6 x 11 x 4.5 6.00 11.00 4.50 VC 6 x 12 x 5 6.00 12.00 5.00 VC 6 x 14 x 4 6.00 14.00 4.00 VC 6 x 18 x 4.5 6.00 18.00 4.50 VC 6 x 19 x 5 6.00 19.00 5.00 VC 6 x 19 x 7 6.00 19.00 7.00 VC 6 x 22 x 7 6.00 22.00 7.00 VC 7 x 13 x 4 7.00 13.00 4.00 VC 7 x 14 x 4 7.00 14.00 4.00 VC 7 x 20 x 5 7.00 20.00 5.00 VC 8 x 12 x 3 8.00 12.00 3.00 VC 8 x 12 x 4 8.00 12.00 4.00 VC 8 x 14 x 4 8.00 14.00 4.00 VC 8 x 15 x 5 8.00 15.00 5.00 VC 8 x 16 x 4 8.00 16.00 4.00 VC 8 x 18 x 3.5 8.00 18.00 3.50 VC 9 x 18 x 5 9.00 18.00 5.00 VC 10 x 15 x 3 10.00 15.00 3.00 VC 10 x 15 x 4 10.00 15.00 4.00 VC 10 x 17 x 3.5 10.00 17.00 3.50 VC 10 x 17 x 5 10.00 17.00 5.00 VC 10 x 19 x 4 10.00 19.00 4.00 VC 10 x 20 x 5 10.00 20.00 5.00 VC 10 x 22 x 3 10.00 22.00 3.00 VC 10 x 24 x 4 10.00 24.00 4.00 VC 11 x 17 x 3 11.00 17.00 3.00 VC 11 x 17 x 6 11.00 17.00 6.00 VC 12 x 16 x 2.5 12.00 16.00 2.50 VC 12 x 17 x 2.5 12.00 17.00 2.50 VC 12 x 17 x 5 12.00 17.00 5.00 VC 12 x 17 x 6 12.00 17.00 6.00 VC 12 x 18 x 3 12.00 18.00 3.00 VC 12 x 18 x 4 12.00 18.00 4.00 VC 12 x 18 x 5 12.00 18.00 5.00 VC 12 x 19 x 3 12.00 19.00 3.00 VC 12 x 20 x 4 12.00 20.00 4.00 VC 12 x 22 x 3 12.00 22.00 3.00 VC 12 x 22 x 4 12.00 22.00 4.00 VC 12 x 24 x 4 12.00 24.00 4.00 VC 12 x 25 x 4.5 12.00 25.00 4.50 VC 13 x 19 x 3 13.00 19.00 3.00 VC 13 x 26 x 4 13.00 26.00 4.00 VC 13 x 31 x 8.5 13.00 31.00 8.50 VC 13 x 32 x 9 13.00 32.00 9.00 VC 14 x 20 x 4 14.00 20.00 4.00 VC 14 x 22 x 4 14.00 22.00 4.00 VC 14 x 24 x 4 14.00 24.00 4.00 VC 14 x 25 x 5 14.00 25.00 5.00 VC 14 x 31 x 8.5 14.00 31.00 8.50 VC 15 x 19 x 6 15.00 19.00 6.00 VC 15 x 21 x 3 15.00 21.00 3.00 VC 15 x 21 x 5 15.00 21.00 5.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 VC 15 x 22 x 5 15.00 22.00 5.00 VC 15 x 23 x 3 15.00 23.00 3.00 VC 15 x 23 x 4 15.00 23.00 4.00 VC 15 x 25 x 4 15.00 25.00 4.00 VC 15 x 26 x 3.5 15.00 26.00 3.50 VC 15 x 30 x 5 15.00 30.00 5.00 VC 16 x 20 x 2.5 16.00 20.00 2.50 VC 16 x 22 x 3 16.00 22.00 3.00 VC 16 x 23 x 3 16.00 23.00 3.00 VC 16 x 23 x 5 16.00 23.00 5.00 VC 16 x 24 x 4 16.00 24.00 4.00 VC 16 x 25 x 5 16.00 25.00 5.00 VC 16 x 26 x 3 16.00 26.00 3.00 VC 16 x 30 x 3 16.00 30.00 3.00 VC 16 x 30 x 5 16.00 30.00 5.00 VC 17 x 21 x 3.2 17.00 21.00 3.20 VC 17 x 22 x 5 17.00 22.00 5.00 VC 17 x 22 x 6 17.00 22.00 6.00 VC 17 x 23 x 3 17.00 23.00 3.00 VC 17 x 26 x 2 17.00 26.00 2.00 VC 17 x 26 x 3 17.00 26.00 3.00 VC 17 x 30 x 5 17.00 30.00 5.00 VC 17 x 35 x 4.8 17.00 35.00 4.80 VC 18 x 22 x 7 18.00 22.00 7.00 VC 18 x 24 x 4 18.00 24.00 4.00 VC 19 x 26 x 4 19.00 26.00 4.00 VC 20 x 25 x 2.5 20.00 25.00 2.50 VC 20 x 26 x 4 20.00 26.00 4.00 VC 20 x 28 x 5 20.00 28.00 5.00 VC 20 x 30 x 4 20.00 30.00 4.00 VC 20 x 30 x 7 20.00 30.00 7.00 VC 20 x 32 x 5 20.00 32.00 5.00 VC 20 x 35 x 7 20.00 35.00 7.00 VC 20 x 40 x 5 20.00 40.00 5.00 VC 20 x 52 x 4 20.00 52.00 4.00 VC 21 x 37 x 7 21.00 37.00 7.00 VC 22 x 26 x 6 22.00 26.00 6.00 VC 22 x 29 x 4 22.00 29.00 4.00 VC 22 x 29 x 5 22.00 29.00 5.00 VC 22 x 30 x 4 22.00 30.00 4.00 VC 22 x 31 x 5 22.00 31.00 5.00 VC 23 x 30 x 4 23.00 30.00 4.00 VC 24 x 31 x 4 24.00 31.00 4.00 VC 24 x 33 x 4 24.00 33.00 4.00 VC 24 x 36 x 4 24.00 36.00 4.00 VC 24 x 38 x 5 24.00 38.00 5.00 VC 25 x 30 x 4 25.00 30.00 4.00 VC 25 x 31 x 5 25.00 31.00 5.00 VC 25 x 32 x 4 25.00 32.00 4.00 VC 25 x 33 x 4 25.00 33.00 4.00 VC 25 x 35 x 7 25.00 35.00 7.00 VC 25 x 38 x 5 25.00 38.00 5.00 VC 25 x 42 x 5 25.00 42.00 5.00 VC 26 x 35 x 4 26.00 35.00 4.00 VC 26 x 40 x 5 26.00 40.00 5.00 VC 28 x 32 x 7 28.00 32.00 7.00 VC 28 x 35 x 5 28.00 35.00 5.00 VC 28 x 37 x 4 28.00 37.00 4.00 VC 28 x 37 x 6 28.00 37.00 6.00 VC 28 x 38 x 5 28.00 38.00 5.00 VC 28 x 40 x 5 28.00 40.00 5.00 ROTARY SEALS | STANDARD SHAFT SEALS | VC www.francejoint.com |