| 전자부품 데이터시트 검색엔진 |
|
SC14X25X5 데이터시트(PDF) 6 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
SC14X25X5 데이터시트(HTML) 6 Page - France Joint |
|
6 / 13 page ![]() Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 14 x 22 x 7 14.00 22.00 7.00 SC 14 x 24 x 5 14.00 24.00 5.00 SC 14 x 24 x 6 14.00 24.00 6.00 SC 14 x 24 x 7 14.00 24.00 7.00 SC 14 x 24 x 7.6 14.00 24.00 7.60 SC 14 x 24 x 8 14.00 24.00 8.00 SC 14 x 25 x 5 14.00 25.00 5.00 SC 14 x 25 x 6 14.00 25.00 6.00 SC 14 x 26 x 5 14.00 26.00 5.00 SC 14 x 26 x 6 14.00 26.00 6.00 SC 14 x 26 x 7 14.00 26.00 7.00 SC 14 x 26 x 8 14.00 26.00 8.00 SC 14 x 27 x 6 14.00 27.00 6.00 SC 14 x 27 x 7 14.00 27.00 7.00 SC 14 x 28 x 6 14.00 28.00 6.00 SC 14 x 28 x 7 14.00 28.00 7.00 SC 14 x 28 x 10 14.00 28.00 10.00 SC 14 x 30 x 4 14.00 30.00 4.00 SC 14 x 30 x 7 14.00 30.00 7.00 SC 14 x 30 x 8 14.00 30.00 8.00 SC 14 x 32 x 5 14.00 32.00 5.00 SC 14 x 32 x 9 14.00 32.00 9.00 SC 14 x 35 x 4.5 14.00 35.00 4.50 SC 14 x 42 x 6 14.00 42.00 6.00 SC 15 x 21 x 5 15.00 21.00 5.00 SC 15 x 22 x 6 15.00 22.00 6.00 SC 15 x 22 x 7 15.00 22.00 7.00 SC 15 x 24 x 4 15.00 24.00 4.00 SC 15 x 24 x 5 15.00 24.00 5.00 SC 15 x 24 x 7 15.00 24.00 7.00 SC 15 x 25 x 5 15.00 25.00 5.00 SC 15 x 25 x 6 15.00 25.00 6.00 SC 15 x 25 x 7 15.00 25.00 7.00 SC 15 x 25 x 10 15.00 25.00 10.00 SC 15 x 26 x 4 15.00 26.00 4.00 SC 15 x 26 x 5 15.00 26.00 5.00 SC 15 x 26 x 6 15.00 26.00 6.00 SC 15 x 26 x 7 15.00 26.00 7.00 SC 15 x 28 x 4 15.00 28.00 4.00 SC 15 x 28 x 5 15.00 28.00 5.00 SC 15 x 28 x 6 15.00 28.00 6.00 SC 15 x 28 x 7 15.00 28.00 7.00 SC 15 x 30 x 4.5 15.00 30.00 4.50 SC 15 x 30 x 5 15.00 30.00 5.00 SC 15 x 30 x 6 15.00 30.00 6.00 SC 15 x 30 x 7 15.00 30.00 7.00 SC 15 x 30 x 8 15.00 30.00 8.00 SC 15 x 30 x 10 15.00 30.00 10.00 SC 15 x 32 x 7 15.00 32.00 7.00 SC 15 x 33 x 7 15.00 33.00 7.00 SC 15 x 35 x 4 15.00 35.00 4.00 SC 15 x 35 x 5 15.00 35.00 5.00 SC 15 x 35 x 7 15.00 35.00 7.00 SC 15 x 35 x 8 15.00 35.00 8.00 SC 15 x 36 x 6 15.00 36.00 6.00 SC 15 x 40 x 8 15.00 40.00 8.00 SC 15 x 40 x 10 15.00 40.00 10.00 SC 15 x 42 x 7 15.00 42.00 7.00 SC 16 x 22 x 3 16.00 22.00 3.00 SC 16 x 22 x 4 16.00 22.00 4.00 SC 16 x 23 x 6.5 16.00 23.00 6.50 SC 16 x 24 x 4 16.00 24.00 4.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 16 x 24 x 5 16.00 24.00 5.00 SC 16 x 24 x 6 16.00 24.00 6.00 SC 16 x 24 x 7 16.00 24.00 7.00 SC 16 x 26 x 5 16.00 26.00 5.00 SC 16 x 26 x 7 16.00 26.00 7.00 SC 16 x 27 x 6 16.00 27.00 6.00 SC 16 x 28 x 7 16.00 28.00 7.00 SC 16 x 30 x 4.5 16.00 30.00 4.50 SC 16 x 30 x 5 16.00 30.00 5.00 SC 16 x 30 x 7 16.00 30.00 7.00 SC 16 x 30 x 10 16.00 30.00 10.00 SC 16 x 32 x 7 16.00 32.00 7.00 SC 16 x 35 x 7 16.00 35.00 7.00 SC 16 x 35 x 8 16.00 35.00 8.00 SC 16 x 35 x 10 16.00 35.00 10.00 SC 16 x 38 x 7 16.00 38.00 7.00 SC 16 x 40 x 7 16.00 40.00 7.00 SC 16 x 40 x 8 16.00 40.00 8.00 SC 16 x 40 x 10 16.00 40.00 10.00 SC 17 x 24 x 5 17.00 24.00 5.00 SC 17 x 25 x 4 17.00 25.00 4.00 SC 17 x 25 x 5 17.00 25.00 5.00 SC 17 x 25 x 7 17.00 25.00 7.00 SC 17 x 26 x 6 17.00 26.00 6.00 SC 17 x 27 x 5 17.00 27.00 5.00 SC 17 x 27 x 6 17.00 27.00 6.00 SC 17 x 27 x 7 17.00 27.00 7.00 SC 17 x 28 x 4.5 17.00 28.00 4.50 SC 17 x 28 x 5 17.00 28.00 5.00 SC 17 x 28 x 6 17.00 28.00 6.00 SC 17 x 28 x 7 17.00 28.00 7.00 SC 17 x 28 x 7.3 17.00 28.00 7.30 SC 17 x 29 x 5 17.00 29.00 5.00 SC 17 x 30 x 5 17.00 30.00 5.00 SC 17 x 30 x 6 17.00 30.00 6.00 SC 17 x 30 x 7 17.00 30.00 7.00 SC 17 x 31 x 7 17.00 31.00 7.00 SC 17 x 32 x 5 17.00 32.00 5.00 SC 17 x 32 x 7 17.00 32.00 7.00 SC 17 x 32 x 8 17.00 32.00 8.00 SC 17 x 34 x 7 17.00 34.00 7.00 SC 17 x 35 x 5 17.00 35.00 5.00 SC 17 x 35 x 7 17.00 35.00 7.00 SC 17 x 35 x 8 17.00 35.00 8.00 SC 17 x 37 x 7 17.00 37.00 7.00 SC 17 x 38 x 7 17.00 38.00 7.00 SC 17 x 40 x 6 17.00 40.00 6.00 SC 17 x 40 x 7 17.00 40.00 7.00 SC 17 x 47 x 7 17.00 47.00 7.00 SC 17 x 47 x 10 17.00 47.00 10.00 SC 18 x 24 x 4 18.00 24.00 4.00 SC 18 x 26 x 6 18.00 26.00 6.00 SC 18 x 27 x 5 18.00 27.00 5.00 SC 18 x 28 x 6 18.00 28.00 6.00 SC 18 x 28 x 7 18.00 28.00 7.00 SC 18 x 29 x 5 18.00 29.00 5.00 SC 18 x 30 x 5 18.00 30.00 5.00 SC 18 x 30 x 7 18.00 30.00 7.00 SC 18 x 32 x 7 18.00 32.00 7.00 SC 18 x 35 x 5 18.00 35.00 5.00 SC 18 x 35 x 7 18.00 35.00 7.00 SC 18 x 35 x 10 18.00 35.00 10.00 ROTARY SEALS | STANDARD SHAFT SEALS | SC ROTARY SEALS | STANDARD SHAFT SEALS | SC www.francejoint.com |