전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC14X28X6 데이터시트(PDF) 12 Page - France Joint

부품명 SC14X28X6
상세설명  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRANCEJOINT [France Joint]
홈페이지  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC14X28X6 데이터시트(HTML) 12 Page - France Joint

Back Button SC14X28X6 Datasheet HTML 5Page - France Joint SC14X28X6 Datasheet HTML 6Page - France Joint SC14X28X6 Datasheet HTML 7Page - France Joint SC14X28X6 Datasheet HTML 8Page - France Joint SC14X28X6 Datasheet HTML 9Page - France Joint SC14X28X6 Datasheet HTML 10Page - France Joint SC14X28X6 Datasheet HTML 11Page - France Joint SC14X28X6 Datasheet HTML 12Page - France Joint SC14X28X6 Datasheet HTML 13Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 62 x 95 x 10
62.00
95.00
10.00
SC 62 x 100 x 12
62.00
100.00
12.00
SC 63 x 83 x 8
63.00
83.00
8.00
SC 63 x 90 x 10
63.00
90.00
10.00
SC 63 x 100 x 10
63.00
100.00
10.00
SC 65 x 75 x 5
65.00
75.00
5.00
SC 65 x 80 x 6
65.00
80.00
6.00
SC 65 x 80 x 8
65.00
80.00
8.00
SC 65 x 80 x 10
65.00
80.00
10.00
SC 65 x 82 x 10
65.00
82.00
10.00
SC 65 x 85 x 8
65.00
85.00
8.00
SC 65 x 85 x 10
65.00
85.00
10.00
SC 65 x 85 x 13
65.00
85.00
13.00
SC 65 x 90 x 10
65.00
90.00
10.00
SC 65 x 90 x 12
65.00
90.00
12.00
SC 65 x 90 x 13
65.00
90.00
13.00
SC 65 x 95 x 10
65.00
95.00
10.00
SC 65 x 100 x 10
65.00
100.00
10.00
SC 65 x 100 x 12
65.00
100.00
12.00
SC 65 x 120 x 10
65.00
120.00
10.00
SC 66 x 85 x 10
66.00
85.00
10.00
SC 68 x 80 x 10
68.00
80.00
10.00
SC 68 x 82 x 7
68.00
82.00
7.00
SC 68 x 85 x 10
68.00
85.00
10.00
SC 68 x 88 x 8
68.00
88.00
8.00
SC 68 x 88 x 10
68.00
88.00
10.00
SC 68 x 88 x 13
68.00
88.00
13.00
SC 68 x 90 x 10
68.00
90.00
10.00
SC 68 x 95 x 10
68.00
95.00
10.00
SC 68 x 100 x 10
68.00
100.00
10.00
SC 68 x 100 x 13
68.00
100.00
13.00
SC 68 x 110 x 13
68.00
110.00
13.00
SC 68 x 115 x 13
68.00
115.00
13.00
SC 70 x 85 x 7
70.00
85.00
7.00
SC 70 x 85 x 8
70.00
85.00
8.00
SC 70 x 86 x 12
70.00
86.00
12.00
SC 70 x 90 x 10
70.00
90.00
10.00
SC 70 x 90 x 12
70.00
90.00
12.00
SC 70 x 95 x 10
70.00
95.00
10.00
SC 70 x 95 x 13
70.00
95.00
13.00
SC 70 x 100 x 10
70.00
100.00
10.00
SC 70 x 100 x 12
70.00
100.00
12.00
SC 70 x 105 x 13
70.00
105.00
13.00
SC 70 x 110 x 8
70.00
110.00
8.00
SC 70 x 110 x 10
70.00
110.00
10.00
SC 70 x 110 x 12
70.00
110.00
12.00
SC 70 x 110 x 13
70.00
110.00
13.00
SC 70 x 120 x 13
70.00
120.00
13.00
SC 70 x 125 x 12
70.00
125.00
12.00
SC 71 x 88 x 8
71.00
88.00
8.00
SC 72 x 90 x 10
72.00
90.00
10.00
SC 72 x 92 x 9.5
72.00
92.00
9.50
SC 72 x 95 x 10
72.00
95.00
10.00
SC 72 x 95 x 12
72.00
95.00
12.00
SC 72 x 100 x 10
72.00
100.00
10.00
SC 72 x 100 x 12
72.00
100.00
12.00
SC 75 x 85 x 7
75.00
85.00
7.00
SC 75 x 90 x 8
75.00
90.00
8.00
SC 75 x 90 x 10
75.00
90.00
10.00
SC 75 x 91 x 12
75.00
91.00
12.00
SC 75 x 95 x 10
75.00
95.00
10.00
SC 75 x 95 x 12
75.00
95.00
12.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 75 x 95 x 13
75.00
95.00
13.00
SC 75 x 100 x 10
75.00
100.00
10.00
SC 75 x 100 x 12
75.00
100.00
12.00
SC 75 x 105 x 12
75.00
105.00
12.00
SC 75 x 105 x 13
75.00
105.00
13.00
SC 75 x 110 x 12
75.00
110.00
12.00
SC 75 x 110 x 13
75.00
110.00
13.00
SC 75 x 115 x 10
75.00
115.00
10.00
SC 75 x 115 x 12
75.00
115.00
12.00
SC 75 x 120 x 12
75.00
120.00
12.00
SC 75 x 130 x 13
75.00
130.00
13.00
SC 77 x 100 x 11.5
77.00
100.00
11.50
SC 78 x 100 x 10
78.00
100.00
10.00
SC 78 x 110 x 12
78.00
110.00
12.00
SC 78 x 110 x 13
78.00
110.00
13.00
SC 80 x 95 x 5
80.00
95.00
5.00
SC 80 x 100 x 10
80.00
100.00
10.00
SC 80 x 100 x 12
80.00
100.00
12.00
SC 80 x 100 x 13
80.00
100.00
13.00
SC 80 x 105 x 10
80.00
105.00
10.00
SC 80 x 105 x 13
80.00
105.00
13.00
SC 80 x 110 x 10
80.00
110.00
10.00
SC 80 x 110 x 12
80.00
110.00
12.00
SC 80 x 115 x 10
80.00
115.00
10.00
SC 80 x 120 x 12
80.00
120.00
12.00
SC 80 x 120 x 13
80.00
120.00
13.00
SC 80 x 125 x 12
80.00
125.00
12.00
SC 82 x 110 x 12
82.00
110.00
12.00
SC 82 x 110 x 13
82.00
110.00
13.00
SC 84 x 100 x 10
84.00
100.00
10.00
SC 85 x 100 x 6
85.00
100.00
6.00
SC 85 x 100 x 9
85.00
100.00
9.00
SC 85 x 105 x 10
85.00
105.00
10.00
SC 85 x 105 x 13
85.00
105.00
13.00
SC 85 x 110 x 10
85.00
110.00
10.00
SC 85 x 110 x 12
85.00
110.00
12.00
SC 85 x 110 x 13
85.00
110.00
13.00
SC 85 x 115 x 13
85.00
115.00
13.00
SC 85 x 115 x 15
85.00
115.00
15.00
SC 85 x 120 x 12
85.00
120.00
12.00
SC 85 x 130 x 12
85.00
130.00
12.00
SC 88 x 110 x 12
88.00
110.00
12.00
SC 89 x 105 x 9.5
89.00
105.00
9.50
SC 90 x 106 x 12
90.00
106.00
12.00
SC 90 x 110 x 10
90.00
110.00
10.00
SC 90 x 110 x 12
90.00
110.00
12.00
SC 90 x 110 x 13
90.00
110.00
13.00
SC 90 x 115 x 9
90.00
115.00
9.00
SC 90 x 115 x 13
90.00
115.00
13.00
SC 90 x 120 x 12
90.00
120.00
12.00
SC 90 x 130 x 12
90.00
130.00
12.00
SC 90 x 140 x 13
90.00
140.00
13.00
SC 92 x 110 x 10
92.00
110.00
10.00
SC 95 x 110 x 6
95.00
110.00
6.00
SC 95 x 110 x 10
95.00
110.00
10.00
SC 95 x 110 x 12
95.00
110.00
12.00
SC 95 x 115 x 13
95.00
115.00
13.00
SC 95 x 120 x 8
95.00
120.00
8.00
SC 95 x 120 x 12
95.00
120.00
12.00
SC 95 x 120 x 13
95.00
120.00
13.00
SC 95 x 125 x 12
95.00
125.00
12.00
SC 95 x 130 x 12
95.00
130.00
12.00
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
www.francejoint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13