전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR2545CTPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 MBR2545CTPBF
상세설명  SCHOTTKY RECTIFIER 30 Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

MBR2545CTPBF 데이터시트(HTML) 2 Page - International Rectifier

  MBR2545CTPBF Datasheet HTML 1Page - International Rectifier MBR2545CTPBF Datasheet HTML 2Page - International Rectifier MBR2545CTPBF Datasheet HTML 3Page - International Rectifier MBR2545CTPBF Datasheet HTML 4Page - International Rectifier MBR2545CTPBF Datasheet HTML 5Page - International Rectifier MBR2545CTPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR25..CTPbF Series
Bulletin PD-20867 rev. B 05/06
2
www.irf.com
T
J
Max. Junction Temperature Range
-65 to 150
°C
T
stg
Max. Storage Temperature Range
-65 to 175
°C
R
thJC Max. Thermal Resistance
1.5
°C/W DC operation
Junction to Case
(Per Leg)
R
thCS Typical Thermal Resistance
0.50
°C/W Mounting surface, smooth and greased
Case to Heatsink
Only for TO-220
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
Marking Device
MBR2545CT
Thermal-Mechanical Specifications
Parameters
Values
Units
Conditions
Kg-cm
(Ibf-in)
Electrical Specifications
(1) Pulse Width < 300μs, Duty Cycle <2%
I
F(AV) Max. Average Forward
(PerLeg)
15
A
@ T
C = 130° C, (Rated VR)
Current
(Per Device)
30
I
FRM
Peak Repetitive Forward
30
A
Rated V
R, square wave, 20kHz
Current
(Per Leg)
TC = 130° C
I
FSM
Non Repetitive Peak
1060
5μs Sine or 3μs
Surge Current
Rect. pulse
Surge applied at rated load conditions halfwave,
single phase, 60Hz
E
AS
Non-Repetitive Avalanche Energy
16
mJ
(Per Leg) T
J = 25 °C, IAS = 2 Amps, L = 8 mH
I
AR
Repetitive Avalanche Current
2
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Parameters
Values
Units
Conditions
Following any rated load condition
and with rated VRRM applied
A
150
V
FM
Max. Forward Voltage Drop
0.82
V
@ 30A
TJ = 25 °C
(1)
0.73
V
@ 30A
TJ = 125 °C
I
RM
Max. Instantaneus Reverse Current
0.2
mA
TJ = 25 °C
(1)
40
mA
T
J = 125 °C
VF(TO) Threshold Voltage
0.355
V
T
J = TJ max.
rt
Forward Slope Resistance
12.3
m
Ω
CT
Max. Junction Capacitance
700
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
8.0
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ μs
(Rated VR)
Parameters
Values
Units
Conditions
Rated DC voltage
MBR2535CTPbF
MBR2545CTPbF
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
35
45
Voltage Ratings
Parameters



Html Pages

1 2 3 4 5 6