전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M93C76-RBN3G/W 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 M93C76-RBN3G/W
상세설명  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-RBN3G/W 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button M93C76-RBN3G/W Datasheet HTML 30Page - STMicroelectronics M93C76-RBN3G/W Datasheet HTML 31Page - STMicroelectronics M93C76-RBN3G/W Datasheet HTML 32Page - STMicroelectronics M93C76-RBN3G/W Datasheet HTML 33Page - STMicroelectronics M93C76-RBN3G/W Datasheet HTML 34Page - STMicroelectronics M93C76-RBN3G/W Datasheet HTML 35Page - STMicroelectronics M93C76-RBN3G/W Datasheet HTML 36Page - STMicroelectronics M93C76-RBN3G/W Datasheet HTML 37Page - STMicroelectronics M93C76-RBN3G/W Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Part numbering
35/38
Table 33.
Available M93C86-x products (package, voltage range, temperature
grade)
Package
M93C86
4.5 V to 5.5 V
M93C86-W
2.5 V to 5.5 V
M93C86-R
1.8 V to 5.5 V
DIP8 (BN)
Range 6
SO8 (MN)
Range 6
Range3
Range 6
Range3
TSSOP (DW)
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38