전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LS377 데이터시트(PDF) 4 Page - SYC Electronica

부품명 74LS377
상세설명  Octal D Flip-Flop with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYC [SYC Electronica]
홈페이지  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS377 데이터시트(HTML) 4 Page - SYC Electronica

  74LS377 Datasheet HTML 1Page - SYC Electronica 74LS377 Datasheet HTML 2Page - SYC Electronica 74LS377 Datasheet HTML 3Page - SYC Electronica 74LS377 Datasheet HTML 4Page - SYC Electronica 74LS377 Datasheet HTML 5Page - SYC Electronica 74LS377 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TRUTH TABLE
E
CP
Dn
Qn
Qn
H
X
No
Change
No
Change
L
H
H
L
L
L
L
H
L = LOW Voltage Level
H = HIGH Voltage Level
X = Immaterial
AC WAVEFORM
*The shaded areas indicate when the input is permitted to
change for predictable output performance.
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1/fmax
tW
ts(H)
th(H)
ts(L)
th(L)
CP
tPHL
tPLH
D OR E
Q
*
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6