| 전자부품 데이터시트 검색엔진 |
|
M93C76-RDS3G/W 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C76-RDS3G/W 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 38 page ![]() Package mechanical M93C86, M93C76, M93C66, M93C56, M93C46 30/38 Figure 13. SO8 narrow – 8 lead plastic small outline, 150 mils body width, package outline 1. Drawing is not to scale. Table 25. SO8 narrow – 8 lead plastic small outline, 150 mils body width, package data Symbol millimeters inches Typ Min Max Typ Min Max A1.75 0.069 A1 0.10 0.25 0.004 0.010 A2 1.25 0.049 b 0.28 0.48 0.011 0.019 c 0.17 0.23 0.007 0.009 ccc 0.10 0.004 D 4.90 4.80 5.00 0.193 0.189 0.197 E 6.00 5.80 6.20 0.236 0.228 0.244 E1 3.90 3.80 4.00 0.154 0.150 0.157 e1.27 – – 0.050 –– h 0.25 0.50 0.010 0.020 k 0°8° 0°8° L 0.40 1.27 0.016 0.050 L1 1.04 0.041 SO-A E1 8 ccc b e A D c 1 E h x 45˚ A2 k 0.25 mm L L1 A1 GAUGE PLANE |