| 전자부품 데이터시트 검색엔진 |
|
AT83C23OK203-RATUM 데이터시트(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83C23OK203-RATUM 데이터시트(HTML) 13 Page - ATMEL Corporation |
|
13 / 17 page ![]() 13 AT83C23OK 4307CS–SCR–03/07 USB Interface Figure 5. USB Interface Symbol Parameter Min Typ(5) Max Unit VREF USB Reference Voltage 3.0 3.6 V VIH Input High Voltage for D+ and D- (driven) 2.0 4.0 V VIHZ Input High Voltage for D+ and D- (floating) 2.7 3.6 V VIL Input Low Voltage for D+ and D- 0.8 V VOH Output High Voltage for D+ and D- 2.8 3.6 V VOL Output Low Voltage for D+ and D- 0.0 0.3 V |