전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M93C76-DW6P/S 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 M93C76-DW6P/S
상세설명  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-DW6P/S 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button M93C76-DW6P/S Datasheet HTML 4Page - STMicroelectronics M93C76-DW6P/S Datasheet HTML 5Page - STMicroelectronics M93C76-DW6P/S Datasheet HTML 6Page - STMicroelectronics M93C76-DW6P/S Datasheet HTML 7Page - STMicroelectronics M93C76-DW6P/S Datasheet HTML 8Page - STMicroelectronics M93C76-DW6P/S Datasheet HTML 9Page - STMicroelectronics M93C76-DW6P/S Datasheet HTML 10Page - STMicroelectronics M93C76-DW6P/S Datasheet HTML 11Page - STMicroelectronics M93C76-DW6P/S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Description
M93C86, M93C76, M93C66, M93C56, M93C46
8/38
Figure 2.
DIP, SO, TSSOP and MLP connections (top view)
1.
See Package mechanical section for package dimensions, and how to identify pin-1.
2.
DU = Don’t Use.
The DU (do not use) pin does not contribute to the normal operation of the device. It is
reserved for use by STMicroelectronics during test sequences. The pin may be left
unconnected or may be connected to VCC or VSS.
VSS
Q
ORG
DU
C
SVCC
D
AI01929B
M93Cx6
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38