| 전자부품 데이터시트 검색엔진 |
|
ST7263BH4T1 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BH4T1 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 145 page ![]() ST7263BDx ST7263BHx ST7263BKx ST7263BE 34/145 I/O ports (Cont’d) 10.3.1 Port A Table 10. Port A0, A3, A4, A5, A6, A7 description Figure 22. PA0, PA3, PA4, PA5, PA6, PA7 and PD[7:4] configuration PORT A I / O Alternate function Input1 Output Signal Condition PA0 with pull-up push-pull MCO (Main Clock Output) MCO = 1 (MISCR) PA3 with pull-up push-pull Timer EXTCLK CC1 =1 CC0 = 1 (Timer CR2) PA4 with pull-up push-pull Timer ICAP1 IT1 Schmitt triggered input IT1E = 1 (ITIFRE) PA5 with pull-up push-pull Timer ICAP2 IT2 Schmitt triggered input IT2E = 1 (ITIFRE) PA62 with pull-up push-pull Timer OCMP1 OC1E = 1 IT3 Schmitt triggered input IT3E = 1 (ITIFRE) PA7 with pull-up push-pull Timer OCMP2 OC2E = 1 IT4 Schmitt triggered input IT4E = 1 (ITIFRE) 1Reset State 2Not available on SO24 DR DDR LATCH LATCH DR SEL DDR SEL VDD PAD ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE ALTERNATE INPUT PULL-UP OUTPUT P-BUFFER N-BUFFER 1 0 1 0 CMOS SCHMITT TRIGGER VSS VDD DIODES |