전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML13135LP 데이터시트(PDF) 11 Page - LANSDALE Semiconductor Inc.

부품명 ML13135LP
상세설명  FM Communications Receiver; Dual Conversion Narrowband FM Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135LP 데이터시트(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button ML13135LP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.lansdale.com
Page 11 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
OUTLINE DIMENSIONS
P DIP 24 = LP
PLASTIC PACKAGE
(ML13135LP)
CASE 724–03
ISSUE D
SO 24 = -6P
PLASTIC PACKAGE
(ML13135-6P)
CASE 751E–04
ISSUE E
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
1.265
0.270
0.175
0.020
0.060
0.012
0.140
15
°
0.040
0.050 BSC
0.100 BSC
0.300 BSC
1.27 BSC
2.54 BSC
7.62 BSC
A
B
C
D
E
F
G
J
K
L
M
N
31.25
6.35
3.69
0.38
1.02
0.18
2.80
0
°
0.51
32.13
6.85
4.44
0.51
1.52
0.30
3.55
15
°
1.01
1.230
0.250
0.145
0.015
0.040
0.007
0.110
0
°
0.020
NOTES:
1. CHAMFERED CONTOUR OPTIONAL.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
4. CONTROLLING DIMENSION: INCH.
112
13
24
–A–
–B–
C
K
N
–T–
SEATING
PLANE
G
E
F
D 24 PL
J 24 PL
M
NOTE 1
L
0.25 (0.010)
T
A
M
M
0.25 (0.010)
T
B
M
M
T
0.010 (0.25)
A
B
M
S
S
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
15.25
7.40
2.35
0.35
0.41
0.23
0.13
0
°
10.05
0.25
15.54
7.60
2.65
0.49
0.90
0.32
0.29
8
°
10.55
0.75
0.601
0.292
0.093
0.014
0.016
0.009
0.005
0
°
0.395
0.010
0.612
0.299
0.104
0.019
0.035
0.013
0.011
8
°
0.415
0.029
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
–A–
–B–
112
24
13
–T–
C
K
SEATING
PLANE
R X 45°
G 22 PL
P 12 PL
0.010 (0.25)
B
M
M
F
J
M
D 24 PL
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11