| 전자부품 데이터시트 검색엔진 |
|
GL827 데이터시트(PDF) 21 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL827 데이터시트(HTML) 21 Page - GENESYS LOGIC |
|
21 / 47 page ![]() GL827 USB 2.0 Single Slot Card Reader Controller ©2000-2007 Genesys Logic Inc. - All rights reserved. Page 21 DO 45 21 N/A N/A N/A N/A B/I, pd 93C46 Data out DI 46 22 N/A 10 N/A N/A B/I, pd 93C46 Data in / Access LED MD0~7 1~4, 8~11 N/A N/A N/A N/A N/A B/I, pd Ext. flash data 0~7 MA0~15 37~40,35~47,5 9~61,79~82,86 ~87 N/A N/A N/A N/A N/A O Ext. flash address 0~15 MOEZ 88 N/A N/A N/A N/A N/A B/O, pu Ext. flash OE MWEZ 89 N/A N/A N/A N/A N/A B/O, pu Ext. flash WE MCSZ 90 N/A N/A N/A N/A N/A B/O, pu Ext. flash CS Notation: Type A Analog B Bi-directional B/I Bi-directional, default input B/O Bi-directional, default output I Input O Output OSC Oscillator P Power / Ground f Internal floating pd Internal pull down pu Internal pull up |