| 전자부품 데이터시트 검색엔진 |
|
STR710FZ2H6 데이터시트(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ2H6 데이터시트(HTML) 54 Page - STMicroelectronics |
|
54 / 77 page ![]() Electrical parameters STR71xF 54/77 Figure 22. Typical VOL vs. V33 Figure 23. Typical VOH vs. V33 0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 3 3.1 3.2 3.3 3.4 3.5 3.6 V33 (V) TA=-45°C TA=0°C TA=+25°C TA=+90°C 0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 3 3.1 3.2 3.3 3.4 3.5 3.6 V33 (V) TA=-45°C TA=0°C TA=+25°C TA=+90°C 2.00 2.20 2.40 2.60 2.80 3.00 3.20 3.40 3.60 3 3.1 3.2 3.3 3.4 3.5 3.6 V33 (V) TA=-45°C TA=0°C TA=+25°C TA=+90°C 2.00 2.20 2.40 2.60 2.80 3.00 3.20 3.40 3.60 3 3.1 3.2 3.3 3.4 3.5 3.6 V33 (V) TA=-45°C TA=0°C TA=+25°C TA=+90°C |