전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ORD228VL 데이터시트(PDF) 1 Page - Standex Electronics, Inc.

부품명 ORD228VL
상세설명  ORD228VL Reed Switch Miniature high-performance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANDEX [Standex Electronics, Inc.]
홈페이지  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

ORD228VL 데이터시트(HTML) 1 Page - Standex Electronics, Inc.

  ORD228VL Datasheet HTML 1Page - Standex Electronics, Inc. ORD228VL Datasheet HTML 2Page - Standex Electronics, Inc. ORD228VL Datasheet HTML 3Page - Standex Electronics, Inc. ORD228VL Datasheet HTML 4Page - Standex Electronics, Inc. ORD228VL Datasheet HTML 5Page - Standex Electronics, Inc. ORD228VL Datasheet HTML 6Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USA: +1 866.782.6339 | salesusa@standexelectronics.com
EMEA: +49 7731/8399-0 | info@standexelectronics.com
APAC: +81 42/6980026 | sej-sales@standex.co.jp
standexelectronics.com
Datasheet
Version 01
Feb 2022
Page 1
ORD228VL Reed Switch
Applications
• Automotive electronic devices
• Control equipment
• Communication equipment
• Measurement equipment
• Household appliances
Dimensions (mm)
O R D 228V L
Miniature high-performance
The ORD228VL is a small single-contact reed switch designed for general
control of medium level loads less than 100V. The contacts are sealed
within the glass tube with inert gas to maintain contact reliability.
Miniature high-performance
Hermetically sealed within a glass tube with inert gas,
reed contacts are not influenced by the external
atmospheric environment.
Quick response
Comprising of operating parts and electrical parts
arranged coaxially, reed switches are suited to high-
frequency applications.
Compact and light weight.
Superior corrosion resistance and wear resistance of the
contacts assures stable switching operation and long life.
Economically and easily becomes a proximity switch
when paired with a magnet.
Features
Electrical Characteristics
Parameter
Rated Value
Unit
Operate Time (max.)
0.4
ms
Bounce Time (max.)
0.3
ms
Release Time (max.)
0.05
ms
Resonant Frequency
5000±400
Hz
Operating Frequency (max.)
500
Hz
Operating Characteristics
Parameter
Rated Value
Unit
Pull-in Value (PI)
10 to 40
AT
Drop-out Value (DO) (min.)
5
AT
Contact Resistance (CR) (max.)
100
mOhm
Breakdown Voltage (min.)
200 min (PI≧20),
150 min (10≦PI<20)
VDC
Insulation Resistance (min.)
109
Ohm
Electrostatic Capacitance (max.)
0.3
pF
Contact Rating
10
W
Maximum Switching Voltage (max.)
100DC/100AC
V
Maximum Switching Current (max.)
0.5
A
Maximum Carry Current (max.)
1.0
A
ø0.5
MAX ø2.2
MAX 14.0
44.3±0.3


유사한 부품 번호 - ORD228VL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ORD228VL ETC1-ORD228VL Datasheet
91Kb / 8P
General Purpose Miniature (Medium-level Load 100 V Max.)
logo
Meder Electronic
ORD228VL MEDER-ORD228VL Datasheet
86Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD228VL OKI-ORD228VL Datasheet
86Kb / 8P
REED SWITCH
logo
Comus International
ORD228VL COMUS-ORD228VL Datasheet
77Kb / 1P
Reed Switch - Sub-Miniature - Normally Open Contacts
More results

유사한 설명 - ORD228VL

제조업체부품명데이터시트상세설명
logo
Reed Relays and Electro...
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
Micro-miniature Reed Switch
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
Miniature Close Differential Reed Switch
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
Miniature Reed Switch
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
Reduced-miniature Reed Switch
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
UM-0018-M RRE-UM-0018-M Datasheet
119Kb / 1P
Ultra-miniature Reed Switch
logo
Littelfuse
MDSR-7 LITTELFUSE-MDSR-7 Datasheet
372Kb / 2P
MDSR-7 12.7mm Sub-miniature Reed Switch
MLRR-4 LITTELFUSE-MLRR-4 Datasheet
506Kb / 2P
15.2mm Sub-miniature Close Differential Reed Switch
MRPR-20 LITTELFUSE-MRPR-20 Datasheet
286Kb / 2P
20.3mm Miniature High Voltage and High Power Reed Switch
MITI-7 LITTELFUSE-MITI-7 Datasheet
357Kb / 2P
7mm Ultra-Miniature Reed Switch
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com