전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT10XGC 데이터시트(PDF) 2 Page - Bookham, Inc.

부품명 AT10XGC
상세설명  High Sensitivity 10Gb/s surface mount coplanar APD preamp receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOOKHAM [Bookham, Inc.]
홈페이지  
Logo BOOKHAM - Bookham, Inc.

AT10XGC 데이터시트(HTML) 2 Page - Bookham, Inc.

  AT10XGC Datasheet HTML 1Page - Bookham, Inc. AT10XGC Datasheet HTML 2Page - Bookham, Inc. AT10XGC Datasheet HTML 3Page - Bookham, Inc. AT10XGC Datasheet HTML 4Page - Bookham, Inc. AT10XGC Datasheet HTML 5Page - Bookham, Inc. AT10XGC Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
2
Operating Characteristics
Case Temperature = 25°C unless otherwise specified
Notes:
[1] Optical Wavelength between 1525-1575nm. Data to 1610nm available on request.
[2] Measured with 9.95Gb/s, extinction ratio > 12dB, Q factor > 30, 50% crossing level, 1550nm.
[3] Load impedance is 50
AC-coupled.
[4] Excludes APD responsivity.
[5] Differential.
[6] Single ended.
Parameter
Symbol
Measurement
Min
Typ
Max
Unit
Conditions
Optical sensitivity BOL
[1] [2]
Sens
231-1 PRBS
-28.5
-27.0
dBm
BER<10-12
V
optimal = VM10
Sensitivity penalty EOL
231-1 PRBS
0.75
1.0
dB
over temperature
[1] [2]
BER<10-12
V
optimal = VM10
T=0 to +85°C
Deviation from linear phase
DC - 6GHz
-10
+10
°
High frequency -3dB corner
f
H
V
APD=VM10
8
9
GHz
Small signal
Low frequency -3dB corner
f
L
40
kHz
Transimpedance gain
[3] [4] [5]
T
Z
Small signal
2.3
4.0
5.7
k
Maximum output voltage
[6]
V
OUT
Peak-to-peak
165
mV
Return loss
S
22
DC to 6.0GHz
-8
dB
Optical overload
[2]
P
SAT
2^23-1 PRBS
-3
-1
dBm
V
APD=VM3
BER<10-12
APD breakdown voltage
V
br
T=25°C
20
40
V
I
APD=10mA
APD breakdown voltage
T
Vbr
0.030
0.061
V/°C
temperature coefficient
Dark current
I
d
At 90% of V
br
100
nA
Amplifier bias current
I
cc
55
73
mA
Input current for
I
In lim
Peak-to-peak
80
uA
output limiting
Transimpedance amp
V
TZA
3.3
V
supply voltage
Thermistor resistance
R
TH
T=25°C
10
k



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com