전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G07P04SA 데이터시트(PDF) 2 Page - Goford Semiconductor

부품명 G07P04SA
상세설명  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOFORD [Goford Semiconductor]
홈페이지  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor

G07P04SA 데이터시트(HTML) 2 Page - Goford Semiconductor

  G07P04SA Datasheet HTML 1Page - Goford Semiconductor G07P04SA Datasheet HTML 2Page - Goford Semiconductor G07P04SA Datasheet HTML 3Page - Goford Semiconductor G07P04SA Datasheet HTML 4Page - Goford Semiconductor G07P04SA Datasheet HTML 5Page - Goford Semiconductor G07P04SA Datasheet HTML 6Page - Goford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G07P04SA
www.gofordsemi.com
TEL:0755-29961263
FAX:0755-29961466(A1300)
Specifications TJ = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static Parameters
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250µA
-40
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS = -40V, VGS = 0V
--
--
-1
μA
Gate-Source Leakage
IGSS
VGS = ±20V
--
--
±
100
nA
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250µA
-1
-1.5
-2.5
V
Drain-Source On-Resistance
RDS(on)
VGS = -10V, ID = -7A
--
14
18
mΩ
VGS = -4.5V, ID = -7A
--
18
22
gFS
VDS = -10V,ID = -7A
--
17
--
S
Dynamic Parameters
Input Capacitance
Ciss
VGS = 0V,
VDS = -20V,
f = 1.0MHz
--
1750
--
pF
Output Capacitance
Coss
--
215
--
Reverse Transfer Capacitance
Crss
--
180
--
Total Gate Charge
Qg
VDD = -20V,
ID = -7A,
VGS = -10V
--
31
--
nC
Gate-Source Charge
Qgs
--
7.6
--
Gate-Drain Charge
Qgd
--
6.2
--
Turn-on Delay Time
td(on)
VDD = -20V,
ID = -7A,
RG = 3Ω
--
18
--
ns
Turn-on Rise Time
tr
--
10
--
Turn-off Delay Time
td(off)
--
38
--
Turn-off Fall Time
tf
--
24
--
Drain-Source Body Diode Characteristics
Continuous Body Diode Current
IS
TC = 25ºC
--
--
-7
A
Body Diode Voltage
VSD
TJ = 25ºC, ISD = -7A, VGS = 0V
--
--
-1.2
V
Reverse Recovery Charge
Qrr
IF = -7A, VGS = 0V
di/dt=-100A/us
--
30
--
nC
Reverse Recovery Time
Trr
--
32
--
ns
Notes
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Identical low side and high side switch with identical RG
Forward Transconductance



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com