| 전자부품 데이터시트 검색엔진 |
|
MPC8280 데이터시트(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 데이터시트(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 xxx Freescale Semiconductor Contents Paragraph Number Title Page Number 27.5.7.6 USB Mask Register (USBMR)............................................................................ 27-21 27.5.7.7 USB Status Register (USBS)............................................................................... 27-21 27.5.7.8 USB Start of Frame Timer (USSFT) ................................................................... 27-22 27.6 USB Buffer Descriptor Ring........................................................................................ 27-22 27.6.1 USB Receive Buffer Descriptor (Rx BD) for Host and Function ........................... 27-24 27.6.2 USB Transmit Buffer Descriptor (Tx BD) for Function.......................................... 27-26 27.6.3 USB Transmit Buffer Descriptor (Tx BD) for Host ................................................ 27-27 27.6.4 USB Transaction Buffer Descriptor (TrBD) for Host.............................................. 27-29 27.7 USB CP Commands..................................................................................................... 27-32 27.7.1 STOP Tx Command................................................................................................. 27-32 27.7.2 RESTART Tx Command ......................................................................................... 27-33 27.8 USB Controller Errors ................................................................................................. 27-33 27.9 USB Function Controller Initialization Example ........................................................ 27-34 27.10 Programming the USB Host Controller (Packet-Level) .............................................. 27-35 27.10.1 USB Host Controller Initialization Example ........................................................... 27-35 27.11 Programming the USB Host Controller (Transaction-Level) ...................................... 27-37 27.11.1 USB Host Controller Initialization Example ........................................................... 27-37 Chapter 28 Serial Management Controllers (SMCs) 28.1 Features .......................................................................................................................... 28-2 28.2 Common SMC Settings and Configurations ................................................................. 28-2 28.2.1 SMC Mode Registers (SMCMR1/SMCMR2)........................................................... 28-2 28.2.2 SMC Buffer Descriptor Operation............................................................................. 28-4 28.2.3 SMC Parameter RAM................................................................................................ 28-5 28.2.3.1 SMC Function Code Registers (RFCR/TFCR) ..................................................... 28-8 28.2.4 Disabling SMCs On-the-Fly ...................................................................................... 28-8 28.2.4.1 SMC Transmitter Full Sequence............................................................................ 28-9 28.2.4.2 SMC Transmitter Shortcut Sequence .................................................................... 28-9 28.2.4.3 SMC Receiver Full Sequence ................................................................................ 28-9 28.2.4.4 SMC Receiver Shortcut Sequence......................................................................... 28-9 28.2.4.5 Switching Protocols ............................................................................................... 28-9 28.2.5 Saving Power ........................................................................................................... 28-10 28.2.6 Handling Interrupts in the SMC............................................................................... 28-10 28.3 SMC in UART Mode ................................................................................................... 28-10 28.3.1 Features .................................................................................................................... 28-11 28.3.2 SMC UART Channel Transmission Process ........................................................... 28-11 28.3.3 SMC UART Channel Reception Process................................................................. 28-11 28.3.4 Programming the SMC UART Controller ............................................................... 28-11 28.3.5 SMC UART Transmit and Receive Commands ...................................................... 28-12 |