전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C64-DFMC6TP/KF 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 M24C64-DFMC6TP/KF
상세설명  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DFMC6TP/KF 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button M24C64-DFMC6TP/KF Datasheet HTML 3Page - STMicroelectronics M24C64-DFMC6TP/KF Datasheet HTML 4Page - STMicroelectronics M24C64-DFMC6TP/KF Datasheet HTML 5Page - STMicroelectronics M24C64-DFMC6TP/KF Datasheet HTML 6Page - STMicroelectronics M24C64-DFMC6TP/KF Datasheet HTML 7Page - STMicroelectronics M24C64-DFMC6TP/KF Datasheet HTML 8Page - STMicroelectronics M24C64-DFMC6TP/KF Datasheet HTML 9Page - STMicroelectronics M24C64-DFMC6TP/KF Datasheet HTML 10Page - STMicroelectronics M24C64-DFMC6TP/KF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
DS6638 Rev 36
7/54
M24C64-W M24C64-R M24C64-F M24C64-DF
Description
53
Figure 3. UFDFPN5 (DFN5) package connections
1. Inputs E2, E1, E0 are not connected, therefore read as (000). Please refer to Section 2.3 for further
explanations.
Figure 4. WLCSP 4 bump ultra thin package connections
1. Inputs E2, E1, E0 are read as (000). Please refer to Section 2.3 for further explanations.
Figure 5. WLCSP 5-bump connections (M24C64-FCS6TP/K)
1. Inputs E2, E1, E0 are internally connected to (001). Please refer to Section 2.3 for further explanations.
Table 2. WLCSP 4-bump signals vs. bump position
Position
A
B
1VCC
SCL
2VSS
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54