전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC6989DYYR 데이터시트(PDF) 33 Page - Texas Instruments

부품명 TLC6989DYYR
상세설명  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989DYYR 데이터시트(HTML) 33 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 29Page - Texas Instruments TLC6989DYYR Datasheet HTML 30Page - Texas Instruments TLC6989DYYR Datasheet HTML 31Page - Texas Instruments TLC6989DYYR Datasheet HTML 32Page - Texas Instruments TLC6989DYYR Datasheet HTML 33Page - Texas Instruments TLC6989DYYR Datasheet HTML 34Page - Texas Instruments TLC6989DYYR Datasheet HTML 35Page - Texas Instruments TLC6989DYYR Datasheet HTML 36Page - Texas Instruments TLC6989DYYR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
7.6 Device Registers
DEVICE Registers Summary Table lists the memory-mapped registers for the Device registers. All register offset
addresses not listed in DEVICE Registers Summary Table should be considered as reserved locations and the
register contents should not be modified.
Table 7-3. DEVICE Registers Summary Table
Address
Acronym
Description
Section
0x0
DEVID
Device Identification
Section 7.6.1
0x1
SPICTRL
Control for SPI
Section 7.6.2
0x2
CCSICTRL
Control for Continuous Clock Serial Interface (CCSI)
Section 7.6.3
0x3
TXFFLVL
Transmission FIFO level control
Section 7.6.4
0x4
RXFFLVL
Receive FIFO level control
Section 7.6.5
0x5
DEVCTRL
Control register for Device
Section 7.6.6
0x6
DIAGMASK
Diagnostic masking
Section 7.6.7
0x7
STATUS
Global device status
Section 7.6.8
0x8
IFST
Detail Interface status
Section 7.6.9
0x9
TXFFST
Detail Transmit FIFO status
Section 7.6.10
0xA
RXFFST
Detail Receive FIFO status
Section 7.6.11
Complex bit access types are encoded to fit into small table cells. Table 7-4 shows the codes that are used for
access types in this section.
Table 7-4. Device Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
W1C
W
1C
Write
1 to clear
Reset or Default Value
-n
Value after reset or the default
value
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com