| 전자부품 데이터시트 검색엔진 |
|
M41T94MH6F 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T94MH6F 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 41 page ![]() Clock operations M41T94 28/41 4.13 Initial power-on defaults Upon initial application of power to the device, the following register bits are set to a '0' state: Watchdog register, TR, FT, AFE, ABE, and SQWE. The following bits are set to a '1' state: ST, OUT, and HT (see Table 9: Default values). Table 8. tREC definitions tREC bit (TR) STOP bit (ST) tREC time Units Min Max 00 96 98 ms 01 40 200(1) 1. Default setting ms 1 X 50 2000 µs Table 9. Default values Condition TR ST HT Out FT AFE ABE SQWE WATCHDOG register(1) 1. BMB0-BMB4, RB0, RB1. Initial power-up (battery attach for SNAPHAT)(2) 2. State of other control bits undefined. 0111 000 0 0 Subsequent power-up (with battery back-up)(3) 3. UC = Unchanged UC UC 1 UC 0 0 0 0 0 |