전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ELANSC310 데이터시트(PDF) 43 Page - Advanced Micro Devices

부품명 ELANSC310
상세설명  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 데이터시트(HTML) 43 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 39Page - Advanced Micro Devices ELANSC310 Datasheet HTML 40Page - Advanced Micro Devices ELANSC310 Datasheet HTML 41Page - Advanced Micro Devices ELANSC310 Datasheet HTML 42Page - Advanced Micro Devices ELANSC310 Datasheet HTML 43Page - Advanced Micro Devices ELANSC310 Datasheet HTML 44Page - Advanced Micro Devices ELANSC310 Datasheet HTML 45Page - Advanced Micro Devices ELANSC310 Datasheet HTML 46Page - Advanced Micro Devices ELANSC310 Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
43
PREL IMINARY
(ISA Cycle) + (DMA Cycle) + (Low Speed)
2 x CPU Clock
High Speed PLL (I4)
18.432 MHz
Programmable Low Speed (I0–I3)
Divide
Chain
18.432
9.216
4.608
2.304
1.152
I4
I3
I2
I1
I0
S2
Internal
SYSCLK
DMA
Clock
External
SYSCLK
0
1
÷ 2
÷ 4
÷ 2
2 x CPU/Local
Bus Clock
S[1:0]
Figure 2.
Clock Steering Block Diagram
(Low-Speed PLL mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More