| 전자부품 데이터시트 검색엔진 |
|
PJ3L85T/R13 데이터시트(PDF) 2 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
PJ3L85T/R13 데이터시트(HTML) 2 Page - Pan Jit International Inc. |
|
2 / 3 page ![]() www.panjit.com 7/12/2006 Page 2 T = 25°C, unless otherwise noted ELECTRICAL CHARACTERISTICS (Each Diode) PJ3L85 J Characteristic Symbol Units Forward Voltage (Note 2) V Reverse Leakage Current (Note 2) F V I R 0.90 1.10 1.00 0.76 0.92 0.84 - - - IF = 50mA IF = 1.0mA IF = 10mA 1.25 - 1.00 - - 85 IF = 150mA Total Capacitance VR = 0V, f = 1.0 MHz C pF 2.0 1.25 - Per Element ELECTRICAL CHARACTERISTIC CURVES (Each Diode) Reverse Breakdown Voltage (Note 2) IR = 100uA VBR V Max Typ Min VR = 75V Note 2: Short duration test pulse to minimize self heating 5.0 - - Reverse Recovery Time t rr us 3.0 - - IF = IR = 10mA Irr = 1.0mA, RL = 100 Ohm Data Line to Ground 6 - 2.0 VR = 75V, Tj = 150°C nA 80 - - T Between Data Lines 7 - 3.0 0.001 0.01 0.1 1 10 0 50 100 150 200 T J , Junction Te m pe r atur e (De g C) V R = 75V 0.1 1 10 100 1000 0.2 0.4 0.6 0.8 1 1.2 V F , For w ard Voltage (V) T A = 25 °C T A = - 25 °C T A = 75 °C T A = 125 °C Fig. 1. Typical Forward Voltage Fig. 2. Typical Reverse Current |