| 전자부품 데이터시트 검색엔진 |
|
AMMLPVBLJE 데이터시트(PDF) 3 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
AMMLPVBLJE 데이터시트(HTML) 3 Page - Abracon Corporation |
|
3 / 15 page ![]() AMMLP series Low Power, Low Jitter MEMS Oscillator Revision: Initial Release 4/30/2024 Page 3 Disclaimer Check Inventory S Request Samples AMMLP - Part Number Example: AMMLPADLRE-24.0000T Packaging Blank: Bulk T: 1k pcs / reel T3: 3k pcs / reel Output Frequency In MHz For MHz specify frequency out to 4 digit accuracy after the decimal: xxx.xxxx e.g. 80.0000 Package Size A: 2.0x1.6mm D: 2.5x2.0mm V: 7.0x5.0mm Operating Temp. E: -20°C ~ +70°C L: -40°C ~ +85°C X: -40°C ~ +105°C V: -40°C ~ +125°C Freq. Stability J: ±20ppm R: ±25 ppm C: ±50 ppm Supply Voltage A: 2.25V~3.63V B: 3.3V±10% C: 2.5V±10% D: 1.8V+10%/-5% Pin 1 Function E: Output Enable S: Standby Options and Part Identification |