전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9245GC 데이터시트(PDF) 3 Page - Richtek Technology Corporation

부품명 RT9245GC
상세설명  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245GC 데이터시트(HTML) 3 Page - Richtek Technology Corporation

  RT9245GC Datasheet HTML 1Page - Richtek Technology Corporation RT9245GC Datasheet HTML 2Page - Richtek Technology Corporation RT9245GC Datasheet HTML 3Page - Richtek Technology Corporation RT9245GC Datasheet HTML 4Page - Richtek Technology Corporation RT9245GC Datasheet HTML 5Page - Richtek Technology Corporation RT9245GC Datasheet HTML 6Page - Richtek Technology Corporation RT9245GC Datasheet HTML 7Page - Richtek Technology Corporation RT9245GC Datasheet HTML 8Page - Richtek Technology Corporation RT9245GC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
RT9245
3
DS9245-06
March 2007
www.richtek.com
Functional Pin Description
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4),
VID0 (Pin 5) & VID125 (Pin 6)
DAC voltage identification inputs for VRD10.x. These pins
are internally pulled to 1.2V if left open.
SGND (Pin 7)
VCORE differential sense negative input.
FB (Pin 8)
Inverting input of the internal error amplifier.
COMP (Pin 9)
Output of the error amplifier and input of the PWM
comparator.
PGOOD (Pin 10)
Power good open-drain output.
DVD (Pin 11)
Programmable power UVLO detection input. Trip threshold
= 1.2V at VDVD rising.
SS (Pin 12)
Connect this SS pin to GND with a capacitor to set the
soft-start time interval. Pulling this pin below 1V (ramp
valley of sawtooth wave in pulse width modulator) would
make all PWMs low, turn on low side MOSFETs, and turn
off high side MOSFETs.
RT (Pin 13)
Switching frequency setting. Connect this pin to GND with
a resistor to set the frequency.
VOSS (Pin 14)
VCORE initial value offset. Connect this pin to GND with a
resistor to set the negative offset value. Connect this pin
to VCC to set positive offset value.
IMAX (Pin 15)
Programmable over currert setting.
CSN (Pin 16)
Current sense negative input of all channels.
NC (Pin 17)
No Connection.
ADJ (Pin 18)
Current sense output for active droop adjust. Connect a
resistor from this pin to GND to set the load droop.
GND (Pin 19)
Ground for the IC.
CSP1 (Pin 20), CSP2 (Pin 22), CSP3 (Pin 21) & CSP4
(Pin 23)
Current sense positive inputs for individual converter
channel current sense.
PWM1 (Pin 27), PWM2 (Pin 26), PWM3 (Pin 25) &
PWM4 (Pin 24)
PWM outputs for each driven channel. Connect these pins
to the PWM input of the MOSFET driver. For systems
which use 3 channels, connect PWM4 high. Two channel
systems connect PWM3 high.
VCC (Pin 28)
IC power supply. Connect this pin to a 5V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22