전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9245CPC 데이터시트(PDF) 16 Page - Richtek Technology Corporation

부품명 RT9245CPC
상세설명  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245CPC 데이터시트(HTML) 16 Page - Richtek Technology Corporation

Back Button RT9245CPC Datasheet HTML 12Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 13Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 14Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 15Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 16Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 17Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 18Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 19Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
RT9245C
16
DS9245C-02 March 2007
www.richtek.com
Figure 13
Current Balance Function
0
5
10
15
20
25
30
0
2040
6080
100
IOUT (A)
IL1
IL3
IL2
IL4
Figure 12
Current Ratio Function
0
5
10
15
20
25
30
35
0
15
304560
7590
IOUT (A)
IL3
IL4
IL2
IL1
Dead Zone Elimination
RT9245C samples and holds inductor current at 50%
period by time-sharing sourcing a current IX to RCSN. At
light load condition when inductor current is not balance,
voltage VX across the sensing capacitor would be negative.
It needs a negative IX to sense the voltage. However,
RT9245C CANNOT provide a negative IX and consequently
cannot sense negative inductor current. This results in
dead zone of load line performance as shown in Figure
14. Therefore a technique as shown in Figure 15 is required
to eliminate the dead zone of load line at light load
condition.
Figure 14 shows that dead zone of load line at light load
is eliminated by applying this technique.
Figure 14
Load Line without dead zone at light loads
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
1.31
0
5
10
15
20
25
IOUT (A)
RCSN open
RCSN = 82k
w/o Dead Zone Compensation
w/i Dead Zone Compensation
Referring to Figure 15, IX is expressed as :
where ILX_50% is the of inductor current at 50% period. To
make sure RT9245C could sense the inductor current,
right hand side of Equation (1) should always be positive:
Since RCSN2 >> RCSN in practical application, Equation (2)
could be simplified as :
(2)
(1)
CSN
LX
LX_50%
CSN2
LX
LX_50%
CSN2
OUT
X
R
R
x
I
R
R
x
I
R
V
I
+
+
=
0
R
R
x
I
R
R
x
I
R
V
CSN
LX
LX_50%
CSN2
LX
LX_50%
CSN2
OUT
≥
+
+
CSN
LX
LX_50%
CSN2
OUT
R
R
x
I
R
V
≥
Figure 15. Application circuit of GM
RCSN
GMx
Ix
+
-
RCSN2
I
LX
LX
R
LX
R
X
C
X
V
X
+-
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com