전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPWI201610B2R2T 데이터시트(PDF) 9 Page - Littelfuse

부품명 LPWI201610B2R2T
상세설명  Surface Mount
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPWI201610B2R2T 데이터시트(HTML) 9 Page - Littelfuse

Back Button LPWI201610B2R2T Datasheet HTML 5Page - Littelfuse LPWI201610B2R2T Datasheet HTML 6Page - Littelfuse LPWI201610B2R2T Datasheet HTML 7Page - Littelfuse LPWI201610B2R2T Datasheet HTML 8Page - Littelfuse LPWI201610B2R2T Datasheet HTML 9Page - Littelfuse LPWI201610B2R2T Datasheet HTML 10Page - Littelfuse LPWI201610B2R2T Datasheet HTML 11Page - Littelfuse LPWI201610B2R2T Datasheet HTML 12Page - Littelfuse LPWI201610B2R2T Datasheet HTML 13Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Power Inductor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/13/23
9
LPWI Series
Surface Mount
Dimensions
A
Unit = mm
Recommended Footprint and Stencil Mask
Stencil Mask
T = 0.10mm
E
F
G
B
C
D
Part Number
A
B
C (max.)
D
E
F
G
LPWI201610HR47T
2.00±0.20
1.60±0.20
0.90±0.10
0.50±0.30
2.40+0.10
1.80+0.10
1.00±0.10
LPWI201610BR47T
LPWI201610SR47T
LPWI201610H1R0T
LPWI201610B1R0T
LPWI201610S1R0T
LPWI201610H1R5T
LPWI201610B2R2T
LPWI201610S2R2T
LPWI201610H2R2T
LPWI201610SR68T
2.00±0.30
1.60±0.20
1.00
0.40±0.10
2.40+0.10
1.80+0.10
1.00±0.10
LPWI252010SR47T
2.50±0.20
2.00±0.20
0.90±0.10
0.50±0.30
2.80+0.10
2.20+0.10
1.20±0.10
LPWI252010BR47T
LPWI252010NR68T
LPWI252010S1R0T
LPWI252010B1R0T
LPWI252010H1R0T
LPWI252010B2R2T
LPWI252010S2R2T
LPWI252010H2R2T
LPWI252010S4R7T
LPWI252010SR33T
2.50±0.20
2.00±0.20
1.00
0.50±0.30
2.80+0.10
2.20+0.10
1.20±0.10
LPWI252010S1R5T
LPWI252010S3R3T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17