전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54HC123 데이터시트(PDF) 2 Page - Silicon Supplies

부품명 54HC123
상세설명  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SS [Silicon Supplies]
홈페이지  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC123 데이터시트(HTML) 2 Page - Silicon Supplies

  54HC123 Datasheet HTML 1Page - Silicon Supplies 54HC123 Datasheet HTML 2Page - Silicon Supplies 54HC123 Datasheet HTML 3Page - Silicon Supplies 54HC123 Datasheet HTML 4Page - Silicon Supplies 54HC123 Datasheet HTML 5Page - Silicon Supplies 54HC123 Datasheet HTML 6Page - Silicon Supplies 54HC123 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 54HC123
Rev 1.0
06/10/19
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.155
0.525
2
1B
0.155
0.175
3
1R
0.680
0.170
4
1Q
0.815
0.135
5
2Q
1.060
0.130
6
2CX
1.305
0.130
7
2RXCX
1.625
0.135
8
GND
1.625
0.395
9
2A
1.625
0.595
10
2B
1.625
0.955
11
2R
1.165
0.955
12
2Q
0.965
0.995
13
1Q
0.770
0.995
14
1CX
0.415
0.995
15
1RXCX
0.145
0.995
16
VCC
0.155
0.730
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
1900 (74.80 mils)
0,0
Pad 14 = VCC
Pad 7 = GND
Function Table
INPUTS
OUTPUTS
A
B
R
Q
Q
FUNCTION
↓
H
H
OUTPUT ENABLE
X
L
H
L*
H*
INHIBIT
H
X
H
L*
H*
INHIBIT
L
↑
H
OUTPUT ENABLE
L
H
↑
OUTPUT ENABLE
X
X
L
L
H
INHIBIT
H = High level, L = Low level , X = Don’t care,
↑ = High-to-low transition, ↓= Low-to-high transition
= x1 high level output pulse,
= x1 low level output pulse
* If the monostable was triggered before this condition,
pulse will continue as programmed.
9
8
7
6
5
4
3
2
1
16
15
14
13
12
11
DIE ID
10



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com