전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95128 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M95128
상세설명  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M95128_07 Datasheet HTML 7Page - STMicroelectronics M95128_07 Datasheet HTML 8Page - STMicroelectronics M95128_07 Datasheet HTML 9Page - STMicroelectronics M95128_07 Datasheet HTML 10Page - STMicroelectronics M95128_07 Datasheet HTML 11Page - STMicroelectronics M95128_07 Datasheet HTML 12Page - STMicroelectronics M95128_07 Datasheet HTML 13Page - STMicroelectronics M95128_07 Datasheet HTML 14Page - STMicroelectronics M95128_07 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
M95128, M95128-W, M95128-R
Signal description
11/44
3.7.4
Power-down
At power-down (continuous decrease in VCC), as soon as VCC drops from the normal
operating voltage to below the power on reset threshold voltage, the device stops
responding to any instruction sent to it. During power-down, the device must be deselected
(the Chip Select (S) should be allowed to follow the voltage applied on VCC) and in Standby
Power mode (that is there should be no internal Write cycle in progress).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44