전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EB381 데이터시트(PDF) 12 Page - Motorola, Inc

부품명 EB381
상세설명  Migrating from the MC68HC811E2 to the MC68HC11F1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB381 데이터시트(HTML) 12 Page - Motorola, Inc

Back Button EB381 Datasheet HTML 8Page - Motorola, Inc EB381 Datasheet HTML 9Page - Motorola, Inc EB381 Datasheet HTML 10Page - Motorola, Inc EB381 Datasheet HTML 11Page - Motorola, Inc EB381 Datasheet HTML 12Page - Motorola, Inc EB381 Datasheet HTML 13Page - Motorola, Inc EB381 Datasheet HTML 14Page - Motorola, Inc EB381 Datasheet HTML 15Page - Motorola, Inc EB381 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Engineering Bulletin
EB381
12
MOTOROLA
Difference:
External Glue Logic
Requirements
Case 1
Example:
External glue logic
Issue:
Some of the external glue logic requirements are
different.
Change required: The MC68HC11F1 has a non-multiplexed
address/data bus and four programmable chip
selects. This will eliminate the need for such
external devices as a demultiplexer, a decoder,
and a latch. See Figure 8 and Figure 9.
Figure 8. MC68HC811E2 Multiplexed Bus Example
R/W
E
HIGH ADDRESS
68HC811E9
WE
OE
ADDRESS/DATA
AS
D
Q
LATCH
OE
LE
DATA
ADDRESS
EPROM
DATA
ADDRESS
RAM
DECODE
CE
OE
CE
WE
OE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16