| 전자부품 데이터시트 검색엔진 |
|
LL4448 데이터시트(PDF) 2 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
LL4448 데이터시트(HTML) 2 Page - Pan Jit International Inc. |
|
2 / 3 page ![]() PAGE . 2 STAD-JUL.31.2007 LL4448 0100 100 300 500 200 AMBIENT TEMPERATURE 0 0.7 0.8 0.9 1.0 1.1 2 4 6 8 1.0 T=25 C f=1KHz J O REVERSE VOLTAGE, VOLTS 10 -2 10 0 10 1 10 2 10 3 10 4 10 -1 FORWARD CURRENT, mA 10 1 10 2 10 0 T=25 C f=1KHz J O 01 2 10 -2 10 -1 10 0 10 2 10 1 10 3 S tp A FORWARD VOLTAGE, VOLTS 10 -5 10 0 10 -1 10 1 10 2 10 -4 10 -3 10 -2 10 -1 10 0 10 1 V=0 V=0.1 V=0.2 V=0.3 T IFRM IFRM I tp t v=tp / T T =1/fp RATING A ND CHARACTERISTIC CURVES Fig.4 DERATING CURVE Fig.3 FORWARD CHARACTERISTICS Fig.2-DYNAMIC FORWARD RESISTANCE VERSUS FORWARD CURRENT Fig.1 ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION Fig.5 TYPICAL JUNCTION CAPACITANCE T =100 C~T =25 C J O O J |