전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPC7595 데이터시트(PDF) 22 Page - Clare, Inc.

부품명 CPC7595
상세설명  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARE [Clare, Inc.]
홈페이지  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595 데이터시트(HTML) 22 Page - Clare, Inc.

Back Button CPC7595 Datasheet HTML 17Page - Clare, Inc. CPC7595 Datasheet HTML 18Page - Clare, Inc. CPC7595 Datasheet HTML 19Page - Clare, Inc. CPC7595 Datasheet HTML 20Page - Clare, Inc. CPC7595 Datasheet HTML 21Page - Clare, Inc. CPC7595 Datasheet HTML 22Page - Clare, Inc. CPC7595 Datasheet HTML 23Page - Clare, Inc. CPC7595 Datasheet HTML 24Page - Clare, Inc. CPC7595 Datasheet HTML 25Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
CPC7595
22
www.clare.com
R00B
3.1.2 CPC7595B - 28 Pin SOIC Package
3.1.3 CPC7595M - 28 Pin DFN Package
NOTE: For optimum solder joint size, DFN package
printed circuit board lands should extend no more than
0.05 mm past the chip post on the short sides, and no
more than 0.025 mm past the chip posts on the long
sides.
As the metallic pad on the bottom of the DFN package
is connected to the substrate of the die, Clare
recommends that no printed circuit board traces cross
this area to avoid potential shorting issues.
17.983 MIN - 18.085 MAX
(0.708 MIN - 0.712 MAX)
7.391 MIN - 7.595 MAX
(0.291 MIN - 0.299 MAX)
10.109 MIN - 10.516 MAX
(0.398 MIN - 0.414 MAX)
1.270 TYP
(0.050 TYP)
2.438 MIN - 2.642 MAX
(0.096 MIN - 0.104 MAX)
0.366 MIN - 0.467 MAX
(0.014 MIN - 0.018 MAX)
0.660 ± 0.102
(0.026 ± 0.004)
2.235 MIN - 2.438 MAX
(0.088 MIN - 0.096 MAX)
0.508 MIN - 1.016 MAX
(0.020 MIN - 0.040 MAX)
0.2311 MIN - 0.3175 MAX
(0.0091 MIN - 0.0125 MAX)
0.254 MIN - 0.737 MAX X45º
(0.010 MIN - 0.029 MAX X45º)
DIMENSIONS
MM
(INCHES)
PIN 28
PIN 1
0.37
(0.0146)
Pin 1
TOP VIEW
SIDE VIEW
Seating Plane
Dimensions in mm (inches)
Dimensions and tolerances conform to ANSI Y14.5M-1994
11.0
(0.4334)
7.0
(0.2758)
0.90 ± 0.10
(0.0355 ±0.0039)
0.02 +0.03/-0.02
(0.0008 +0.0012/-0.0008)
0.20
(0.0079)
Bottom side
metallic pad
0.75
(0.0295)
0.33 +0.07/
(0.0130 +0.0028/
)
-0.05
-0.0020
0.55 ± 0.10
(0.0217
0.0040)
±
0.60
(0.0236)
0.70
(0.0276)
0.18
(0.0071)
0.18
(0.0071)
0.61
(0.0240)
BOTTOM VIEW
5.0±0.05
(0.1970±0.0020)
7.5 ± 0.05
(0.2955 ± 0.0020)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com