| 전자부품 데이터시트 검색엔진 |
|
PJSOT05C 데이터시트(PDF) 3 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
PJSOT05C 데이터시트(HTML) 3 Page - Pan Jit International Inc. |
|
3 / 4 page ![]() www.panjit.com PJSOT SERIES 6/16/2006 Page 3 Parameter Symbol Min Units Conditions Typical Max Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20µs) Off State Capacitance (Unidirectional) VWRM VBR I R c V Cj BR I = R V = I = pp 0 Vdc Bias f = 1MHz 36 V 40 V 72 V 80 A 9 1mA 36V 7A Maximum Peak Pulse Current pp I 8/20 µs Waveform PJSOT36, PJSOT36C (Bi-directional) Off State Capacitance (Bi-directional) Cj pF 45 0 Vdc Bias f = 1MHz between pin 1 and 2 Tj = 25°C ELECTRICAL CHARACTERISTICS Pow er Derating Curve 0 10 20 30 40 50 60 70 80 90 100 110 0 25 50 75 100 125 150 Ambient Temperature - TA, °C Pow er Derating Curve 0 10 20 30 40 50 60 70 80 90 100 110 0 25 50 75 100 125 150 Ambient Temperature - TA, °C Pulse Waveform 0 10 20 30 40 50 60 70 80 90 100 110 0 5 10 15 20 25 30 time, µsec 50% of Ipp @ 20µs Rise time 10-90% - 8µs |