전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LS86A 데이터시트(PDF) 1 Page - Silicon Supplies

부품명 74LS86A
상세설명  Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SS [Silicon Supplies]
홈페이지  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LS86A 데이터시트(HTML) 1 Page - Silicon Supplies

  74LS86A_V01 Datasheet HTML 1Page - Silicon Supplies 74LS86A_V01 Datasheet HTML 2Page - Silicon Supplies 74LS86A_V01 Datasheet HTML 3Page - Silicon Supplies 74LS86A_V01 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
Low Power Schottky Logic – 74LS86A
Rev 1.0
21/11/17
 
Quadruple 2-Input Exclusive OR Gate IC in bare die form
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1330 x 1090
52 x 43
µm
mils
Minimum Bond Pad Size
98 x 98
3.86 x 3.86
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
High speed – 22ns (Typ) propagation delay
Low Power – ICC 10mA Max
Direct drop-in replacement for obsolete
components in long term programs.
 
Features:
The following part suffixes apply:
Description
The 74LS86A is fabricated using a 2µm 40V Bipolar
process. The device contains four independent gates
and performs the Boolean functions Y = A ⊕ B = AB +
AB in positive logic.
Ordering Information
Die Dimensions in µm (mils)
1330 (52)
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54LS86A
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Plastic Package – On request
Page 1 of 4 
www.siliconsupplies.com


유사한 부품 번호 - 74LS86A_V01

제조업체부품명데이터시트상세설명
logo
Silicon Supplies
74LS86A SS-74LS86A Datasheet
513Kb / 4P
Low Power Schottky Logic
More results

유사한 설명 - 74LS86A_V01

제조업체부품명데이터시트상세설명
logo
Silicon Supplies
74LS04 SS-74LS04 Datasheet
435Kb / 4P
Low Power Schottky Logic
74LS86A SS-74LS86A Datasheet
513Kb / 4P
Low Power Schottky Logic
74LS138 SS-74LS138 Datasheet
520Kb / 4P
Low Power Schottky Logic
54LS04 SS-54LS04 Datasheet
331Kb / 4P
Low Power Schottky Logic
54LS86A SS-54LS86A Datasheet
409Kb / 4P
Low Power Schottky Logic
54LS138 SS-54LS138 Datasheet
350Kb / 4P
Low Power Schottky Logic
54HCT00 SS-54HCT00_V01 Datasheet
565Kb / 5P
Low Power Schottky Logic
54LS164 SS-54LS164 Datasheet
442Kb / 5P
Low Power Schottky Logic
74LS164 SS-74LS164 Datasheet
441Kb / 5P
Low Power Schottky Logic
54ALS51 SS-54ALS51 Datasheet
590Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.0 24/11/17
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com