전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

12190 데이터시트(PDF) 2 Page - Atom Lighting

부품명 12190
상세설명  Bat PAR38 Security Flood
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATOM [Atom Lighting]
홈페이지  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

12190 데이터시트(HTML) 2 Page - Atom Lighting

  12190 Datasheet HTML 1Page - Atom Lighting 12190 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COLOUR TEMPERATURE
CCT
5000 K
CCT Colour
Daylight
Luminaire Lumens
1500 lm
All photometric data has a tolerance of ±10%. Luminaire
lumens refers to the exit lumens or delivered lumens from the
luminaire.
DRIVER
Dimmable
No
Driver Included
Yes
Integrated Driver
Yes
Driver Mode
Constant Current
Driver Type
Fixed output
Wiring Type
Re-wireable terminal block
(3 pin)
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
LINE DRAWINGS
AT9140/1LT/S
AT9140/1LT
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com