| 전자부품 데이터시트 검색엔진 |
|
MM74C14J 데이터시트(PDF) 2 Page - Silicon Supplies |
|
|
|||||||||||||||||||||||||||||
MM74C14J 데이터시트(HTML) 2 Page - Silicon Supplies |
|
2 / 4 page ![]() d Page 2 of 4 www.siliconsupplies.com Rev 1.0 17/02/2023 PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS CMOS TO CMOS VCC = 5V 3.0 3.6 4.3 V VCC = 10V 6.0 6.8 8.6 V Positive Going Threshold Voltage VT+ VCC = 15V 9.0 10.0 12.9 V VCC = 5V 0.7 1.4 2.0 V VCC = 10V 1.4 3.2 4.0 V Negative Going Threshold Voltage VT- VCC = 15V 2.1 5.0 6.0 V VCC = 5V 1.0 2.2 3.6 V VCC = 10V 2.0 3.6 7.2 V Hysteresis VT+ - VT- VCC = 15V 3.0 5.0 10.8 V VCC = 5V, IO = -10µA 4.5 - - V Logical “1” Output Voltage VOUT(1) VCC = 10V, IO = -10µA 9.0 - - V VCC = 5V, IO = 10µA - - 0.5 V Logical “0” Output Voltage VOUT(0) VCC = 10V, IO = 10µA - - 1.0 V Logical “1” Input Current IIN(1) VCC = 15V, VIN = 15V - 0.005 1.0 µA Logical “0” Input Current IIN(0) VCC = 15V, VIN = 0V -1.0 -0.005 - µA Supply Current ICC VCC =15V,VIN=0V/15V - 0.05 15 µA VCC = 5V, VIN = 2.5V - 20 - µA VCC = 10V, VIN = 5V - 200 - µA Supply Current 2 ICC VCC = 15V, VIN = 7.5V - 600 - µA CMOS/LPTTL INTERFACE Logical “1” Input Voltage VIN(1) VCC = 5V 4.3 - - V Logical “0” Input Voltage VIN(0) VCC = 5V - - 0.7 V Logical “1” Output Voltage VOUT(1) VCC= 4.75V,IO= -360µA 2.4 - - V Logical “0” Output Voltage VOUT(0) VCC =4.75V, IO = 360µA - - 0.4 V OUTPUT DRIVE CURRENT TA = 25°C VCC = 5V, VOUT = 0V -1.75 -3.3 - mA Output Source Current (P-Channel) ISOURCE VCC = 10V, VOUT = 0V -8.0 -15 - mA VCC = 5V, VOUT = VCC 1.75 3.6 - mA Output Source Current (N-Channel) ISINK VCC = 10V, VOUT = VCC 8.0 16 - mA DYNAMIC ELECTRICAL CHARACTERISTICS 3 T A = 25°C, CL = 50pF unless otherwise stated VCC = 5V - 220 400 ns Propagation Delay from Input to Output tPD0, tPD1 VCC = 10V - 80 200 ns Input Capacitance CIN Any Input - 5.0 - pF Power Dissipation Capacitance 4 CPD Per Gate - 20 - pF DC Electrical Characteristics T A = -40 to +85°C unless otherwise stated 2. Only one of the six inputs is at ½ VCC; the others are either at VCC or GND. 3. Not production tested in die form, characterized by chip design. 4. Used to determine the no-load dynamic power consumption: PD = CPD VCC 2f + ICC VCC. CMOS High Voltage Logic – MM74C14J |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |