전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM74C14 데이터시트(PDF) 4 Page - Silicon Supplies

부품명 MM74C14
상세설명  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SS [Silicon Supplies]
홈페이지  https://siliconsupplies.com/
Logo SS - Silicon Supplies

MM74C14 데이터시트(HTML) 4 Page - Silicon Supplies

  MM74C14 Datasheet HTML 1Page - Silicon Supplies MM74C14 Datasheet HTML 2Page - Silicon Supplies MM74C14 Datasheet HTML 3Page - Silicon Supplies MM74C14 Datasheet HTML 4Page - Silicon Supplies MM74C14 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
www.siliconsupplies.com
Rev 1.0
16/07/2021
CMOS High Voltage Logic – MM74C14
4. Not production tested in die form, characterized by chip design.
5. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Figure 1 – Transfer Characteristics
Figure 2 – Guaranteed Trip Point Range
DC Electrical Characteristics T
A = -40 to +85°C unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CMOS/LPTTL INTERFACE
Logical “1” Input Voltage
VIN(1)
VCC = 5V
4.3
-
-
V
Logical “0” Input Voltage
VIN(0)
VCC = 5V
-
-
0.7
V
Logical “1” Output Voltage
VOUT(1)
VCC= 4.75V,
IO= -360µA
2.4
-
-
V
Logical “0” Output Voltage
VOUT(0)
VCC =4.75V,
IO = 360µA
-
-
0.4
V
OUTPUT DRIVE CURRENT TA = 25°C
VCC = 5V, VOUT = 0V
-1.75
-3.3
-
mA
Output Source Current
(P-Channel)
ISOURCE
VCC = 10V, VOUT = 0V
-8.0
-15
-
mA
VCC = 5V, VOUT = VCC
1.75
3.6
-
mA
Output Source Current
(N-Channel)
ISINK
VCC = 10V, VOUT = VCC
8.0
16
-
mA
DYNAMIC ELECTRICAL CHARACTERISTICS
4 T
A = 25°C, CL = 50pF unless otherwise stated
VCC = 5V
-
220
400
ns
Propagation Delay
from Input to Output
tPD0,
tPD1
VCC = 10V
-
80
200
ns
Input Capacitance
CIN
Any Input
-
5.0
-
pF
Power Dissipation Capacitance
5
CPD
Per Gate
-
20
-
pF
Typical Characteristics



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com