전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SISA4080 데이터시트(PDF) 4 Page - Silicon Supplies

부품명 SISA4080
상세설명  Current Sense Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SS [Silicon Supplies]
홈페이지  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SISA4080 데이터시트(HTML) 4 Page - Silicon Supplies

  SISA4080 Datasheet HTML 1Page - Silicon Supplies SISA4080 Datasheet HTML 2Page - Silicon Supplies SISA4080 Datasheet HTML 3Page - Silicon Supplies SISA4080 Datasheet HTML 4Page - Silicon Supplies SISA4080 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
www.siliconsupplies.com
Current Sense Amplifier – SiSA4080
Rev 1.0
14/10/20
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Resistance
ROUT
VSENSE = 100mV
-
0.1
-
Ω
Output Voltage
Headroom
3
VCC - VOUT
VCC = 4.5V, VRS+ = 48V,
IOUT (sourcing) = +500µA,
VSENSE = 100mV
-
0.15
0.27
V
Supply Current
ICC
VCC = VRS+ = 76V, no load
-
75
190
µA
3. Output voltage is internally clamped not to exceed 18V
DC Electrical Characteristics continued
VCC = VRS+ = 4.5V to 76V, VSENSE = (VRS+ - VRS-) = 0V, RLOAD = 100kΩ, TA = -40 to +125°C unless otherwise noted.
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Bandwidth
BW
VCC = VRS+ = 48V,
VOUT = 2.5V
270
-
-
kHz
Output Settling Time
to 1% of final value
tSETTLE
VSENSE = 10mV to 100mV
-
20
-
µs
Power-Up Time
tPU
VCC = VRS+ = 48V,
VSENSE = 100mV,
Output to 1% of final value
-
50
-
µs
Saturation
Recovery Time
tRECOVERY
Output settles to 1% of final
value, device does not
experience phase reversal
when overdriven
-
50
-
µs
Output
Capacitance Load
CLOAD
No sustained oscillations
-
500
-
pF
AC Electrical Characteristics4
VCC = VRS+ = 4.5V to 76V, VSENSE = (VRS+ - VRS-) = 0V, RLOAD = 100kΩ, CLOAD = 20pF, TA = -40 to +125°C unless otherwise noted.
4. Not production tested in die form, characterized by chip design.
FULL-SCALE
LOAD CURRENT,
ILOAD (A)
CURRENT-SENSE
RESISTOR (mΩ)
FULL-SCALE,
VSENSE (mV)
FULL-SCALE
OUTPUT VOLTAGE (V)
0.100
1000
100
6.0
1.000
100
100
6.0
10.000
10
100
6.0
Typical Component Values



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com