전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S312XDP512F0MPVR 데이터시트(PDF) 220 Page - Freescale Semiconductor, Inc

부품명 S312XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR 데이터시트(HTML) 220 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 216Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 217Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 218Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 219Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 220Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 221Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 222Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 223Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 224Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
220
Freescale Semiconductor
Operation
RS1 & RS2
⇒ RD
RD
& IMM16 ⇒ RD (translates to ANDL RD, #IMM16[7:0]; ANDH RD, #IMM16[15:8])
Performs a bit wise logical AND of two 16 bit values and stores the result in the destination register RD.
Remark: There is no complement to the BITH and BITL functions. This can be imitated by using R0 as a
destination register. AND R0, RS1, RS2 performs a bit wise test without storing a result.
CCR Effects
Code and CPU Cycles
AND
Logical AND
AND
NZ
V
C
∆∆
0—
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
Refer to ANDH instruction for #IMM16 operations.
V:
0; cleared.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
AND RD, RS1, RS2
TRI
0
0
0
1
0
RD
RS1
RS2
0
0
P
AND RD, #IMM16
IMM8
1
0
0
0
0
RD
IMM16[7:0]
P
IMM8
1
0
0
0
1
RD
IMM16[15:8]
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More