| 전자부품 데이터시트 검색엔진 |
|
S312XDP512F0MPVR 데이터시트(PDF) 75 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S312XDP512F0MPVR 데이터시트(HTML) 75 Page - Freescale Semiconductor, Inc |
|
75 / 1350 page ![]() Chapter 1 Device Overview MC9S12XD-Family MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 75 Vector base + $88 $44 SCI3 I bit SCI3CR2 (TIE, TCIE, RIE, ILIE) Vector base + $8A to Vector base + $88 Reserved Vector base + $86 $43 SCI4 I bit SCI4CR2 (TIE, TCIE, RIE, ILIE) Vector base + $84 $42 SCI5 I bit SCI5CR2 (TIE, TCIE, RIE, ILIE) Vector base + $86 to Vector base + $84 Reserved Vector base + $82 $41 IIC1 Bus I bit IBCR (IBIE) Vector base + $82 Reserved Vector base + $80 $40 Low-voltage interrupt (LVI) I bit VREGCTRL (LVIE) Vector base + $7E $3F Autonomous periodical interrupt (API) I bit VREGAPICTRL (APIE) Vector base + $7C Reserved Vector base + $7A $3D Periodic interrupt timer channel 0 I bit PITINTE (PINTE0) Vector base + $78 $3C Periodic interrupt timer channel 1 I bit PITINTE (PINTE1) Vector base + $76 $3B Periodic interrupt timer channel 2 I bit PITINTE (PINTE2) Vector base + $74 $3A Periodic interrupt timer channel 3 I bit PITINTE (PINTE3) Vector base + $72 $39 XGATE software trigger 0 I bit XGMCTL (XGIE) Vector base + $70 $38 XGATE software trigger 1 I bit XGMCTL (XGIE) Vector base + $6E $37 XGATE software trigger 2 I bit XGMCTL (XGIE) Vector base + $6C $36 XGATE software trigger 3 I bit XGMCTL (XGIE) Vector base + $6A $35 XGATE software trigger 4 I bit XGMCTL (XGIE) Vector base + $68 $34 XGATE software trigger 5 I bit XGMCTL (XGIE) Vector base + $66 $33 XGATE software trigger 6 I bit XGMCTL (XGIE) Vector base + $64 $32 XGATE software trigger 7 I bit XGMCTL (XGIE) Vector base + $62 — XGATE software error interrupt I bit XGMCTL (XGIE) Vector base + $60 — S12XCPU RAM access violation I bit RAMWPC (AVIE) Vector base+ $12 to Vector base + $5E Reserved Vector base + $10 — Spurious interrupt — None 1 16 bits vector address based 2 For detailed description of XGATE channel ID refer to XGATE Block Guide Table 1-12. Interrupt Vector Locations (Sheet 3 of 3) Vector Address1 XGATE Channel ID2 Interrupt Source CCR Mask Local Enable |