전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S312XDP512F0MPVR 데이터시트(PDF) 249 Page - Freescale Semiconductor, Inc

부품명 S312XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR 데이터시트(HTML) 249 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 245Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 246Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 247Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 248Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 249Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 250Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 251Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 252Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 253Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
249
Operation
RS2 – RS1
⇒ NONE (translates to SUB R0, RS1, RS2)
RD – IMM16
⇒ NONE (translates to CMPL RD, #IMM16[7:0]; CPCH RD, #IMM16[15:8])
Subtracts two 16 bit values and discards the result.
CCR Effects
Code and CPU Cycles
CMP
Compare
CMP
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RS1[15] & RS2[15] & result[15] | RS1[15] & RS2[15] & result[15]
RD[15] & IMM16[15] & result[15] | RD[15] & IMM16[15] & result[15]
C:
Set if there is a carry from the bit 15 of the result; cleared otherwise.
RS1[15] & RS2[15] | RS1[15] & result[15] | RS2[15] & result[15]
RD[15] & IMM16[15] | RD[15] & result[15] | IMM16[15] & result[15]
Source Form
Address
Mode
Machine Code
Cycles
CMP RS1, RS2
TRI
0
0
0
1
1
0
0
0
RS1
RS2
0
0
P
CMP RS, #IMM16
IMM8
1
1
0
1
0
RS
IMM16[7:0]
P
IMM8
1
1
0
1
1
RS
IMM16[15:8]
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More