| 전자부품 데이터시트 검색엔진 |
|
S312XDP512F0MPVR 데이터시트(PDF) 268 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S312XDP512F0MPVR 데이터시트(HTML) 268 Page - Freescale Semiconductor, Inc |
|
268 / 1350 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.17 268 Freescale Semiconductor Operation RD.H | IMM8 ⇒ RD.H Performs a bit wise logical OR between the high byte of register RD and an immediate 8 bit constant and stores the result in the destination register RD.H. The low byte of RD is not affected. CCR Effects Code and CPU Cycles ORH Logical OR Immediate 8 bit Constant (High Byte) ORH NZ V C ∆∆ 0— N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the 8 bit result is $00; cleared otherwise. V: 0; cleared. C: Not affected. Source Form Address Mode Machine Code Cycles ORH RD, #IMM8 IMM8 1 0 1 0 1 RD IMM8 P |